Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25M02DTR Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT25M02DTR
Description  2 Mb SPI Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25M02DTR Datasheet(HTML) 3 Page - ON Semiconductor

  CAT25M02DTR Datasheet HTML 1Page - ON Semiconductor CAT25M02DTR Datasheet HTML 2Page - ON Semiconductor CAT25M02DTR Datasheet HTML 3Page - ON Semiconductor CAT25M02DTR Datasheet HTML 4Page - ON Semiconductor CAT25M02DTR Datasheet HTML 5Page - ON Semiconductor CAT25M02DTR Datasheet HTML 6Page - ON Semiconductor CAT25M02DTR Datasheet HTML 7Page - ON Semiconductor CAT25M02DTR Datasheet HTML 8Page - ON Semiconductor CAT25M02DTR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT25M02
www.onsemi.com
3
Table 3. D. C. OPERATING CHARACTERISTICS
(VCC = 1.7 V to 5.5 V, TA = −40°C to +85°C and VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Supply Current
(Read Mode)
Read, SO open /
−40
°C to +85°C
VCC = 1.7 V, fSCK = 5 MHz
1.2
mA
VCC = 2.5 V, fSCK = 10 MHz
1.6
mA
VCC = 5.5 V, fSCK = 10 MHz
2
mA
Read, SO open /
−40
°C to +125°C
2.5 V < VCC < 5.5 V,
fSCK = 10 MHz
2
mA
ICCW
Supply Current
(Write Mode)
Write, CS = VCC/
−40
°C to +85°C
1.7 V < VCC < 5.5 V
2
mA
Write, CS = VCC/
−40
°C to +125°C
2.5 V < VCC < 5.5 V
2
mA
ISB1
(Note 5)
Standby Current
VIN = GND or VCC,
CS = VCC, WP = VCC,
HOLD = VCC,
VCC = 5.5 V
TA = −40°C to +85°C
2
mA
TA = −40°C to +125°C
4
mA
ISB2
(Note 5)
Standby Current
VIN = GND or VCC,
CS = VCC, WP = GND,
HOLD = GND,
VCC = 5.5 V
TA = −40°C to +85°C
3
mA
TA = −40°C to +125°C
5
mA
IL
Input Leakage Current
VIN = GND or VCC
−2
2
mA
ILO
Output Leakage
Current
CS = VCC
VOUT = GND or VCC
−2
2
mA
VIL1
Input Low Voltage
VCC ≥ 2.5 V
−0.5
0.3VCC
V
VIH1
Input High Voltage
VCC ≥ 2.5 V
0.7VCC
VCC + 0.5
V
VIL2
Input Low Voltage
VCC < 2.5 V
−0.5
0.25VCC
V
VIH2
Input High Voltage
VCC < 2.5 V
0.75VCC
VCC + 0.5
V
VOL1
Output Low Voltage
VCC ≥ 2.5 V, IOL = 3.0 mA
0.4
V
VOH1
Output High Voltage
VCC ≥ 2.5 V, IOH = −1.6 mA
VCC − 0.8V
V
VOL2
Output Low Voltage
VCC < 2.5 V, IOL = 150 mA
0.2
V
VOH2
Output High Voltage
VCC < 2.5 V, IOH = −100 mA
VCC − 0.2V
V
5. When not driven, the WP and HOLD inputs are pulled up to VCC internally. For noisy environments, when the pin is not used, it is
recommended the WP and HOLD input to be tied to VCC, either directly or through a resistor.


Similar Part No. - CAT25M02DTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25M02DTR ONSEMI-CAT25M02DTR Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
More results

Similar Description - CAT25M02DTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02 Datasheet
176Kb / 12P
   2 Mb SPI Serial CMOS EEPROM
January, 2014 ??Rev. 1
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
CAT25M02 ONSEMI-CAT25M02_18 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com