Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25M02 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT25M02
Description  2 Mb SPI Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25M02 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT25M02_16 Datasheet HTML 5Page - ON Semiconductor CAT25M02_16 Datasheet HTML 6Page - ON Semiconductor CAT25M02_16 Datasheet HTML 7Page - ON Semiconductor CAT25M02_16 Datasheet HTML 8Page - ON Semiconductor CAT25M02_16 Datasheet HTML 9Page - ON Semiconductor CAT25M02_16 Datasheet HTML 10Page - ON Semiconductor CAT25M02_16 Datasheet HTML 11Page - ON Semiconductor CAT25M02_16 Datasheet HTML 12Page - ON Semiconductor CAT25M02_16 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAT25M02
www.onsemi.com
9
Write Status Register
The Status Register is written by sending a WRSR
instruction according to timing shown in Figure 7. Only bits
2, 3, 4, 5, 6 and 7 can be written using the WRSR command.
Write Protection
The Write Protect (WP) pin can be used to protect the
Block Protect bits BP0 and BP1 against being inadvertently
altered. When WP is low and the WPEN bit is set to “1”,
write operations to the Status Register are inhibited. WP
going low while CS is still low will interrupt a write to the
status register. If the internal write cycle has already been
initiated, WP going low will have no effect on any write
operation to the Status Register. The WP pin function is
blocked when the WPEN bit is set to “0”. The WP input
timing is shown in Figure 8.
Figure 7. WRSR Timing
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
7
6
5
4
3
2
10
00
0
00
0
0
1
OPCODE
Note: Dashed Line = mode (1, 1)
CS
Figure 8. WP Timing
SCK
WP
Note: Dashed Line = mode (1, 1)
CS
WP
tWPH
tWPS


Similar Part No. - CAT25M02_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02_18 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
More results

Similar Description - CAT25M02_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02 Datasheet
176Kb / 12P
   2 Mb SPI Serial CMOS EEPROM
January, 2014 ??Rev. 1
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
CAT25M02 ONSEMI-CAT25M02_18 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com