Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C32HU4I.GT3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT24C32HU4I.GT3
Description  32-Kb I2C CMOS Serial EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C32HU4I.GT3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT24C32HU4I.GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 9Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 10Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 11Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 12Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CAT24C32
www.onsemi.com
9
ORDERING INFORMATION
Device Order Number
Specific
Device
Marking
Package
Type
Temperature Range
Lead
Finish
Shipping
CAT24C32HU4I−GT3
C5U
UDFN8
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C32HU4E−GT3
(Note 12)
C5U
UDFN8
E = Extended
(−40
°C to +125°C)
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C32C5ATR
2
WLCSP5
I = Industrial
(−40
°C to +85°C)
SnAgCu
Tape & Reel, 5,000 Units / Reel
CAT24C32C5CTR
P
WLCSP5 with
Die Coat
I = Industrial
(−40
°C to +85°C)
SnAgCu
Tape & Reel, 5,000 Units / Reel
CAT24C32C4CTR
B
WLCSP4 with
Die Coat
I = Industrial
(−40
°C to +85°C)
SnAg
Tape & Reel, 5,000 Units / Reel
CAT24C32LI−G
24C32F
PDIP−8
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tube, 50 Units / Tube
CAT24C32WI−G
24C32F
SOIC−8,
JEDEC
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tube, 100 Units / Tube
CAT24C32WI−GT3
24C32F
SOIC−8,
JEDEC
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C32WE−GT3
(Note 12)
24C32F
SOIC−8,
JEDEC
E = Extended
(−40
°C to +125°C)
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C32YI−G
C32F
TSSOP−8
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tube, 100 Units / Tube
CAT24C32YI−GT3
C32F
TSSOP−8
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C32YE−GT3
(Note 12)
C32F
TSSOP−8
E = Extended
(−40
°C to +125°C)
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C32USI−T3
(In Development)
TBD
US8
I = Industrial
(−40
°C to +85°C)
Matte−Tin
Tape & Reel, 3,000 Units / Reel
10. All packages are RoHS−compliant (Lead−free, Halogen−free).
11. The standard lead finish is NiPdAu.
12. Please contact your nearest ON Semiconductor Sales office for availability.
13. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
14. Caution: The EEPROM devices delivered in WLCSP must never be exposed to ultraviolet light. When exposed to ultraviolet light
the EEPROM cells lose their stored data.


Similar Part No. - CAT24C32HU4I.GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C32HU4I.GT3 ONSEMI-CAT24C32HU4I.GT3 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
More results

Similar Description - CAT24C32HU4I.GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
   32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32WI-G ONSEMI-CAT24C32WI-G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 14P
   32-Kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 12
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C32 ONSEMI-CAT24C32_12 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com