Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

177920521 Datasheet(PDF) 21 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 177920521
Description  Output voltage: 5V unregulated
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

177920521 Datasheet(HTML) 21 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 177920521 Datasheet HTML 14Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 15Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 16Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 17Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 18Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 19Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 20Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 21Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 22Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
WPMIx9200501S / 1779205x1
MagI3C Power Module
FISM
– Fixed Isolated SIP Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2016
21/22
CAUTIONS AND WARNINGS
The following conditions apply to all goods within the product series of MagI³C of
Würth Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data-sheet have to be complied with.
The usage and operation of the product within ambient conditions which probably alloy or harm the component surface has
to be avoided.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within
the authority of the customer. All technical specifications for standard products do also apply for customer specific products.
Residual washing varnish agent that is used during the production to clean the application might change the characteristics
of the body, pins or termination. The washing varnish agent could have a negative effect on the long term function of the
product.
Direct mechanical impact to the product shall be prevented as the material of the body, pins or termination could flake or in
the worst case it could break. As these devices are sensitive to electrostatic discharge customer shall follow proper IC
Handling Procedures.
Customer acknowledges and agrees that it is solely responsible for compliance with all legal, regulatory and safety-related
requirements concerning its products, and any use of Würth Elektronik eiSos GmbH & Co. KG components in its
applications, notwithstanding any applications-related information or support that may be provided by Würth Elektronik eiSos
GmbH & Co. KG. Customer represents and agrees that it has all the necessary expertise to create and implement
safeguards which anticipate dangerous consequences of failures, monitor failures and their consequences lessen the
likelihood of failures that might cause harm and take appropriate remedial actions. Customer will fully indemnify Würth
Elektronik eiSos and its representatives against any damages arising out of the use of any Würth Elektronik eiSos GmbH &
Co. KG components in safety-critical applications.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
The solder profile has to comply with the technical reflow or wave soldering specification, otherwise this will void the
warranty.
All products are supposed to be used before the end of the period of 12 months based on the product date-code.
Violation of the technical product specifications such as exceeding the absolute maximum ratings will void the warranty.
It is also recommended to return the body to the original moisture proof bag and reseal the moisture proof bag again.
ESD prevention methods need to be followed for manual handling and processing by machinery.


Similar Part No. - 177920521

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
177920521 WURTH-177920521 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920521 WURTH-177920521 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920521 WURTH-177920521 Datasheet
953Kb / 24P
   FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1
1779205211 WURTH-1779205211 Datasheet
2Mb / 36P
   WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
More results

Similar Description - 177920521

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
1769205132 WURTH-1769205132 Datasheet
2Mb / 31P
   5V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 September 2022
logo
Maxim Integrated Produc...
MAX17505EVKITB MAXIM-MAX17505EVKITB Datasheet
514Kb / 11P
   5V Output-Voltage Application
Rev 0; 1/14
MAX17692B MAXIM-MAX17692B Datasheet
555Kb / 8P
   5V Output-Voltage Application
Rev 0; 12/20
MAX17574 MAXIM-MAX17574 Datasheet
1Mb / 20P
   5V Output-Voltage Application
Rev 0; 12/16
MAX17501B MAXIM-MAX17501B Datasheet
1Mb / 10P
   5V Fixed Output Voltage
Rev 1; 10/13
MAX17545EVKITB MAXIM-MAX17545EVKITB Datasheet
496Kb / 11P
   5V Output-Voltage Application
Rev 0; 10/14
MAX17544EVKITB MAXIM-MAX17544EVKITB Datasheet
487Kb / 11P
   5V Output-Voltage Application
Rev 0; 9/14
MAX17543EVKITB MAXIM-MAX17543EVKITB Datasheet
966Kb / 11P
   5V Output-Voltage Application
Rev 0; 9/14
MAX17631C5EVKIT MAXIM-MAX17631C5EVKIT Datasheet
919Kb / 10P
   5V Output-Voltage Application
Rev 0; 5/19
MAX17531ATBEVKIT MAXIM-MAX17531ATBEVKIT Datasheet
958Kb / 9P
   5V Output Voltage Applications
Rev 0; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com