Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

177920521 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 177920521
Description  Output voltage: 5V unregulated
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

177920521 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  177920521 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920521 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
WPMIx9200501S / 1779205x1
MagI3C Power Module
FISM
– Fixed Isolated SIP Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2016
1/22
3.3V
– 24V / 1W / 1kV functional isolated
unregulated 5V Output
DESCRIPTION
The FISM series of the unregulated MagI3C Power
Module family is a functional isolated, fully integrated
DC/DC converter. The module integrates the switching
power stage, control circuitry, transformer and capacitors
all in one package.
The
module
requires
no
external
components
for
operation thus reducing design effort and complexity to a
minimum.
The FISM ensures
fast time to market and low
development costs.
The FISM series achieves typically an efficiency of 79%
to 80%.
The THT package with industrial standard SIP4 pinout
allows for easy assembly.
TYPICAL APPLICATIONS
Data acquisition
Test and measurement systems
Interface and microcontroller supply
Industrial control
FEATURES
1kV DC functional isolation
Current capability up to 0.2A
Nominal input voltage rails: 3.3V / 5V / 12V / 24V
Output voltage: 5V unregulated
No minimum load required
Continuous output power: 1W
Integrated capacitors and transformer
Low output voltage ripple: typ. 55mV at full load
Output voltage accuracy: 5% max.
Operating frequency range 50 kHz to 105 kHz
-40°C to 85°C ambient operating temperature range
RoHS & REACh compliant
UL94V-0 package material
EN55022 Class B compliant
UL60950-1, 2nd Edition
– pending
C22.2 No. 60950-1-07 2nd Edition
– pending
IEC/EN60950-1, 2nd Edition
– pending
TYPICAL CIRCUIT DIAGRAM
+VIN
2
4
1
-VIN
3
+VOUT
-VOUT
DC
DC
Load
Sup ply
VIN
VINGND
VOUTGND
VOUT


Similar Part No. - 177920521

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
177920521 WURTH-177920521 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920521 WURTH-177920521 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920521 WURTH-177920521 Datasheet
953Kb / 24P
   FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1
1779205211 WURTH-1779205211 Datasheet
2Mb / 36P
   WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
More results

Similar Description - 177920521

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
1769205132 WURTH-1769205132 Datasheet
2Mb / 31P
   5V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 September 2022
logo
Maxim Integrated Produc...
MAX17505EVKITB MAXIM-MAX17505EVKITB Datasheet
514Kb / 11P
   5V Output-Voltage Application
Rev 0; 1/14
MAX17692B MAXIM-MAX17692B Datasheet
555Kb / 8P
   5V Output-Voltage Application
Rev 0; 12/20
MAX17574 MAXIM-MAX17574 Datasheet
1Mb / 20P
   5V Output-Voltage Application
Rev 0; 12/16
MAX17501B MAXIM-MAX17501B Datasheet
1Mb / 10P
   5V Fixed Output Voltage
Rev 1; 10/13
MAX17545EVKITB MAXIM-MAX17545EVKITB Datasheet
496Kb / 11P
   5V Output-Voltage Application
Rev 0; 10/14
MAX17544EVKITB MAXIM-MAX17544EVKITB Datasheet
487Kb / 11P
   5V Output-Voltage Application
Rev 0; 9/14
MAX17543EVKITB MAXIM-MAX17543EVKITB Datasheet
966Kb / 11P
   5V Output-Voltage Application
Rev 0; 9/14
MAX17631C5EVKIT MAXIM-MAX17631C5EVKIT Datasheet
919Kb / 10P
   5V Output-Voltage Application
Rev 0; 5/19
MAX17531ATBEVKIT MAXIM-MAX17531ATBEVKIT Datasheet
958Kb / 9P
   5V Output Voltage Applications
Rev 0; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com