Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2614BTLX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2614BTLX
Description  400mA Sub-Miniature Adjustable DC-DC Converter Optimized for RF Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2614BTLX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2614BTLX Datasheet HTML 1Page - National Semiconductor (TI) LM2614BTLX Datasheet HTML 2Page - National Semiconductor (TI) LM2614BTLX Datasheet HTML 3Page - National Semiconductor (TI) LM2614BTLX Datasheet HTML 4Page - National Semiconductor (TI) LM2614BTLX Datasheet HTML 5Page - National Semiconductor (TI) LM2614BTLX Datasheet HTML 6Page - National Semiconductor (TI) LM2614BTLX Datasheet HTML 7Page - National Semiconductor (TI) LM2614BTLX Datasheet HTML 8Page - National Semiconductor (TI) LM2614BTLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Connection Diagrams
10-Bump micro SMD Package
20036704
Top View
20036705
Bottom View
Ordering Information
Order Number
Package Type
NSC Package
Marking (*)
Supplied As
LM2614ATL
10-bump Wafer Level Chip Scale
(micro SMD)
XYTT S50A
250 Tape and Reel
LM2614BTL
XYTT S50B
250 Tape and Reel
LM2614ATLX
XYTT S50A
3000 Tape and Reel
LM2614BTLX
XYTT S50B
3000 Tape and Reel
(*) XY - denotes the date code marking (2 digit) in production
(*) TT - refers to die run/lot traceability for production
(*) S - product line designator
Package markings may change over the course of production.
Pin Description
Pin Number
Pin Name
Function
A1
FB
Feedback Analog Input.
B1
EANEG
Inverting input of error amplifier
C1
EAOUT
Output of error amplifier
D1
SYNC/MODE
Synchronization Input. Use this digital input for frequency selection or modulation control.
Set:
SYNC/MODE = high for low-noise 600kHz PWM mode
SYNC/MODE = low for low-current PFM mode
SYNC/MODE = a 500kHz–1MHz external clock for synchronization in PWM mode. (See
Synchronization and Operating Modes in the Device Information section.)
D2
EN
Enable Input. Set this Schmitt trigger digital input high for normal operation. For shutdown,
set low. Set EN low during system power-up and other low supply voltage conditions.
(See Shutdown Mode in the Device Information section.)
D3
PGND
Power Ground
C3
SW
Switching Node connection to the internal PFET switch and NFET synchronous rectifier.
Connect to an inductor with a saturation current rating that exceeds the max Switch Peak
Current Limit of the LM2614.
B3
PVIN
Power Supply Voltage Input to the internal PFET switch. Connect to the input filter
capacitor.
A3
VDD
Analog Supply Input. If board layout is not optimum, an optional 0.1µF ceramic capacitor
is suggested.
A2
SGND
Analog and Control Ground
www.national.com
3


Similar Part No. - LM2614BTLX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM261 NSC-LM261 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Seoul Semiconductor
LM261 SEOUL-LM261 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM261 SEOUL-LM261 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM261 SEOUL-LM261 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM261 SEOUL-LM261 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LM2614BTLX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
[Old version datasheet]   LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com