Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SULR1731-33DTR Datasheet(PDF) 10 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SULR1731-33DTR
Description  300mA, Low Dropout Linear Regulator with Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SULR1731-33DTR Datasheet(HTML) 10 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Back Button SULR1731-33DTR Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1731-33DTR Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1731-33DTR Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1731-33DTR Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1731-33DTR Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1731-33DTR Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1731-33DTR Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1731-33DTR Datasheet HTML 10Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1731-33DTR Datasheet HTML 11Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Technical Data
300mA, Low Dropout Linear Regulator with Shutdown
Data Sheet N1586 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SULR1731
Physical Dimensions
SOT-23-5 (unit: mm)
Note: 1. Refer to JEDEC MO-178AA.
2. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion or gate burrs
shall not exceed 10 mil per side.
3. Dimension "E1" does not include inter-lead flash or protrusions.
4. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.


Similar Part No. - SULR1731-33DTR

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
SULR1730-18DTR SMC-SULR1730-18DTR Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
SULR1730-285DTR SMC-SULR1730-285DTR Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
SULR1730-33DTR SMC-SULR1730-33DTR Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - SULR1731-33DTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com