Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SULR1722A-25FTR Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SULR1722A-25FTR
Description  300mA Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SULR1722A-25FTR Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SULR1722A-25FTR Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1722A-25FTR Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1722A-25FTR Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1722A-25FTR Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1722A-25FTR Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1722A-25FTR Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1722A-25FTR Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1722A-25FTR Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1722A-25FTR Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Data
300mA Low Dropout Linear Regulator
Data Sheet N1580, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SULR1722A
Ordering Information:
SULR1722A-XXXXX
Marking Diagram:
PIN CONFIGURATION
SOT-23
TOP VIEW
1: GND
2: VOUT
3: VIN
Part No.
Marking
SULR1722A-18FTR
BN18G
SULR1722A-20FTR
BN20G
SULR1722A-25FTR
BN25G
SULR1722A-27FTR
BN27G
SULR1722A-30FTR
BN30G
SULR1722A-33FTR
BN33G
SULR1722A-35FTR
BN35G
SULR1722A-37FTR
BN37G
SULR1722A-52FTR
BN52G
PACKING TYPE
TB: TUBE
TR: TAPING & REEL
PACKAGING TYPE
F: SOT-23
OUTPUT VOLTAGE
15: 1.5V
18: 1.8V
20: 2.0V
25: 2.5V
27: 2.7V
30: 3.0V
33: 3.3V
35: 3.5V
37: 3.7V
38: 3.8V
50: 5.0V
52: 5.2V


Similar Part No. - SULR1722A-25FTR

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
SULR1730-18DTR SMC-SULR1730-18DTR Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
SULR1730-285DTR SMC-SULR1730-285DTR Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
SULR1730-33DTR SMC-SULR1730-33DTR Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - SULR1722A-25FTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com