Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SULR1190 Datasheet(PDF) 8 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SULR1190
Description  Ultra LDO 1A Linear Regulator With
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SULR1190 Datasheet(HTML) 8 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Back Button SULR1190 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1190 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1190 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1190 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1190 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1190 Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1190 Datasheet HTML 10Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1190 Datasheet HTML 11Page - Sangdest Microelectronic (Nanjing) Co., Ltd SULR1190 Datasheet HTML 12Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Technical Data
Ultra LDO 1A Linear Regulator With
Data Sheet N1577, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SULR1190
Typical Performance Characteristics


Similar Part No. - SULR1190

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
More results

Similar Description - SULR1190

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
logo
Maxim Integrated Produc...
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
   1A Automotive Low-Noise LDO Linear Regulator
2020
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com