Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1558Y Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1558Y
Description  Watchdog Clock with NV RAM Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1558Y Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1558Y Datasheet HTML 2Page - Dallas Semiconductor DS1558Y Datasheet HTML 3Page - Dallas Semiconductor DS1558Y Datasheet HTML 4Page - Dallas Semiconductor DS1558Y Datasheet HTML 5Page - Dallas Semiconductor DS1558Y Datasheet HTML 6Page - Dallas Semiconductor DS1558Y Datasheet HTML 7Page - Dallas Semiconductor DS1558Y Datasheet HTML 8Page - Dallas Semiconductor DS1558Y Datasheet HTML 9Page - Dallas Semiconductor DS1558Y Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DS1558
6 of 18
BATTERY LONGIVITY
The battery lifetime is dependent on the RAM battery standby current and the DS1558 internal clock
oscillator current. The total battery current is IOSC + ICCO. When VCC is above VPF, IBAT current is less than
50nA. The DS1558 has an internal circuit to prevent battery charging. No external protection components
are required, and none should be used. The DS1558 has two battery pins that operate independently; the
DS1558 selects the higher of the two inputs. If only one battery is used, the battery should be attached to
VBAT1, and VBAT2 should be grounded.
INTERNAL BATTERY MONITOR
The DS1558 constantly monitors the battery voltage of the internal battery. The battery-low flag (BLF)
bit of the flags register (B4 of 7FFF0h) is not writable and should always be a 0 when read. If a 1 is ever
present, both battery inputs are below 1.8V and both the contents of the RTC and RAM are questionable.
POWER-ON RESET
A temperature-compensated comparator circuit monitors the level of VCC. When VCC falls to the power-
fail trip point, the RST signal (open drain) is pulled low. When VCC returns to nominal levels, the RST
signal continues to be pulled low for a period of 40ms to 200ms. The power-on reset function is
independent of the RTC oscillator and thus is operational whether or not the oscillator is enabled.


Similar Part No. - DS1558Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1558Y MAXIM-DS1558Y Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558Y++ MAXIM-DS1558Y+ Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558Y+TRL MAXIM-DS1558Y+TRL Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
DS1558Y-TRL MAXIM-DS1558Y-TRL Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
More results

Similar Description - DS1558Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1558 MAXIM-DS1558 Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com