Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9102 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
33
Version: DM9102A-DS-F03
August 28, 2000
11
GPTE
0,RW
General-purpose Timer Expired Enable
This bit is set together with CR7<15>, CR5<11> then it will enable the interrupt for
the condition of the general-purpose timer (described in CR11) expired.
10
TXERE
0,RW
Transmit Early Interrupt Enable
This bit is set together with CR7<16>, CR5<10> then it enables the interrupt of the
early transmit event.
9
RXWTE
0,RW
Receive Watchdog Timer Expired Enable
When this bit and CR7<15>, (CR5<9> are set together, it enable the interrupt of the
condition of the receive watchdog timer expired.
8
RXPSE
0,RW
Receive Process Stopped Enable
When set together with CR7<15> and CR5<8>. This bit is set to enable the
interrupt of receive process stopped condition.
7
RXDUE
0,RW
Receive Buffer Unavailable Enable
When this bit and CR7<15>, CR5<7> are set together, it will enable the interrupt of
receive buffer unavailable condition.
6
RXCIE
0,RW
Receive Complete Interrupt Enable
When this bit and CR7<16>, CR5<6> are set together, it will enable the interrupt of
receive process complete condition.
5
TXFUE
0,RW
Transmit FIFO Underrun Enable
When set together with CR7<15>, CR5<5>, it will enable the interrupt of transmit
FIFO underrun condition.
4
Reserved
0,RO
Reserved
3
TXJTE
0,RW
Transmit Jabber Timer Expired Enable
When this bit and CR7<15>, CR5<3> are set together, it enables the interrupt of
transmit Jabber Timer Expired condition.
2
TXDUE
0,RW
Transmit Buffer Unavailable Enable
When this bit and CR7<16>, CR5<2> are set together, transmit buffer unavailable
interrupt is enabled.
1
TXPSE
0,RW
Transmit Process Stopped Enable
When this bit is set together with CR7<15> and CR5<1>, it will enable the interrupt
of the transmit process stopped
0
TXCIE
0,RW
Transmit Complete Interrupt Enable
When this bit and CR7<16>, CR5<0> are set, the transmit interrupt is enabled.
9. Statistical Counter Register (CR8)
31
30
29 28 27 26 25 24 23 22 21 20 19 18
17
16
15
14
13 12
11 10
98
7
6
5
4
3
2
1
0
Bit
Name
Default
Description
31
RXFU
0,RO
Receive Overflow Counter Overflow
This bit is set when the Purged Packet Counter (RXDU) has an overflow condition.
It is a read only register bit.
30:17
RXDU
0,RO
Receive Purged Packet Counter
This is a statistic counter to indicate the purged received packet count upon FIFO
overflow.


Similar Part No. - DM9102

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DM9102A PULSE-DM9102A Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
DM9102D ETC1-DM9102D Datasheet
2Mb / 70P
   SINGLE CHIP FAST ETHEMET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102DE ETC1-DM9102DE Datasheet
2Mb / 70P
   SINGLE CHIP FAST ETHEMET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102DE DAVICOM-DM9102DE Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
More results

Similar Description - DM9102

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
MX98715AEC-E MCNIX-MX98715AEC-E Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com