Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKD04N60RA Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IKD04N60RA
Description  600V TRENCHSTOPTM RC-Series for hard switching applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKD04N60RA Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IKD04N60RA Datasheet HTML 6Page - Infineon Technologies AG IKD04N60RA Datasheet HTML 7Page - Infineon Technologies AG IKD04N60RA Datasheet HTML 8Page - Infineon Technologies AG IKD04N60RA Datasheet HTML 9Page - Infineon Technologies AG IKD04N60RA Datasheet HTML 10Page - Infineon Technologies AG IKD04N60RA Datasheet HTML 11Page - Infineon Technologies AG IKD04N60RA Datasheet HTML 12Page - Infineon Technologies AG IKD04N60RA Datasheet HTML 13Page - Infineon Technologies AG IKD04N60RA Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
IKD04N60RA
TRENCHSTOPTMRC-Seriesforhardswitchingapplications
Rev.2.1,2013-02-15
Figure 13.
Typicalswitchingenergylossesasa
functionofcollectorcurrent
(inductiveload,Tvj=175°C,VCE=400V,
VGE=15/0V,rG=43
Ω,Dynamictestcircuitin
Figure E)
IC,COLLECTORCURRENT[A]
0
2
4
6
8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Eoff
Eon
Ets
Figure 14.
Typicalswitchingenergylossesasa
functionofgateresistor
(inductiveload,Tvj=175°C,VCE=400V,
VGE=15/0V,IC=4A,Dynamictestcircuitin
Figure E)
rG,GATERESISTOR[
Ω]
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Eoff
Eon
Ets
Figure 15.
Typicalswitchingenergylossesasa
functionofjunctiontemperature
(inductiveload,VCE=400V,VGE=15/0V,
IC=4A,rG=43
Ω,Dynamictestcircuitin
Figure E)
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
0.0
0.1
0.2
0.3
0.4
0.5
Eoff
Eon
Ets
Figure 16.
Typicalswitchingenergylossesasa
functionofcollectoremittervoltage
(inductiveload,Tvj=175°C,VGE=15/0V,
IC=4A,rG=43
Ω,Dynamictestcircuitin
Figure E)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
300
350
400
450
0.0
0.1
0.2
0.3
0.4
0.5
Eoff
Eon
Ets


Similar Part No. - IKD04N60RA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKD04N60R INFINEON-IKD04N60R Datasheet
886Kb / 16P
   ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
July 2012
IKD04N60R INFINEON-IKD04N60R Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
IKD04N60R INFINEON-IKD04N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD04N60RC2 INFINEON-IKD04N60RC2 Datasheet
1Mb / 16P
   Cost effective monolithically integrated IGBT with Diode
V2.1 2020-09-28
IKD04N60RF INFINEON-IKD04N60RF Datasheet
886Kb / 16P
   ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
July 2012
More results

Similar Description - IKD04N60RA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKD15N60RA INFINEON-IKD15N60RA Datasheet
2Mb / 16P
   600V TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.1,2013-02-15
IKD10N60RA INFINEON-IKD10N60RA Datasheet
2Mb / 16P
   600V TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.2,2014-02-28
IKD06N60RA INFINEON-IKD06N60RA Datasheet
2Mb / 16P
   TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.1,2012-10-25
IGC04R60DE INFINEON-IGC04R60DE Datasheet
103Kb / 6P
   TRENCHSTOPTM RC-Series for hard switching applications
1.2, 31.05.2013
IKD03N60RF INFINEON-IKD03N60RF_16 Datasheet
1Mb / 16P
   TRENCHSTOPTM RC-Series for hard switching applications up to 30 kHz
Rev.2.6,2016-05-10
IGC10R60DE INFINEON-IGC10R60DE Datasheet
102Kb / 6P
   TRENCHSTOPTM Reverse Conducting (RC) technology
Edition 1.1, 31.05.2013
IGW50N60TP INFINEON-IGW50N60TP Datasheet
1Mb / 14P
   600V IGBT TRENCHSTOPTM Performance series
Rev.2.1,2016-02-05
IGW40N60DTP INFINEON-IGW40N60DTP Datasheet
1Mb / 14P
   600V DuoPack IGBT TRENCHSTOPTM Performance series
Rev.2.1,2016-02-05
logo
Vishay Siliconix
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF Datasheet
181Kb / 7P
   Optimized for hard switching speed
Revision: 10-Jun-15
logo
Infineon Technologies A...
IKW50N60DTP INFINEON-IKW50N60DTP Datasheet
1Mb / 16P
   600V DuoPack IGBT and diode TRENCHSTOPTM Performance series
Rev.2.1,2016-02-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com