Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC03-11HWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part # DC03-11HWA
Description  7mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DC03-11HWA Datasheet(HTML) 3 Page - Kingbright Corporation

  DC03-11HWA Datasheet HTML 1Page - Kingbright Corporation DC03-11HWA Datasheet HTML 2Page - Kingbright Corporation DC03-11HWA Datasheet HTML 3Page - Kingbright Corporation DC03-11HWA Datasheet HTML 4Page - Kingbright Corporation DC03-11HWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
7-D03-3
Parameter
Bright Red High Efficiency
Red
Green
Yellow
Super
Bright Red
Units
Power dissipation
120
105
105
105
100
mW
DC Forward Current
25
30
25
30
30
mA
Peak Forward Current [1]
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
V
Operating/Storage Temperature
-40
To +85
Lead Soldering Temperature [2]
260
For 5 Seconds
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base
Bright Red
°C
°C
°C


Similar Part No. - DC03-11HWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC03-11CGKWA KINGBRIGHT-DC03-11CGKWA Datasheet
355Kb / 6P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DC03-11EWA KINGBRIGHT-DC03-11EWA Datasheet
147Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DC03-11GWA KINGBRIGHT-DC03-11GWA Datasheet
146Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DC03-11PBWA-A KINGBRIGHT-DC03-11PBWA-A Datasheet
138Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY PLAY
DC03-11PBWA/A KINGBRIGHT-DC03-11PBWA/A Datasheet
138Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY PLAY
More results

Similar Description - DC03-11HWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA03-12HDB KINGBRIGHT-SA03-12HDB Datasheet
81Kb / 3P
   7mm(0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
153Kb / 5P
   7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
DC03-11CGKWA KINGBRIGHT-DC03-11CGKWA Datasheet
355Kb / 6P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11YWA KINGBRIGHT-DA03-11YWA Datasheet
146Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11CGKWA KINGBRIGHT-DA03-11CGKWA Datasheet
348Kb / 6P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11GWA KINGBRIGHT-DA03-11GWA Datasheet
146Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11SRWA KINGBRIGHT-DA03-11SRWA Datasheet
145Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11PBWA-A KINGBRIGHT-DA03-11PBWA-A Datasheet
138Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DC03-11GWA KINGBRIGHT-DC03-11GWA Datasheet
146Kb / 4P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
DA03-11EWA KINGBRIGHT-DA03-11EWA Datasheet
68Kb / 3P
   7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com