Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24B3V3M100B Datasheet(PDF) 7 Page - Vicor Corporation

Part # S24B3V3M100B
Description  DC-DC Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

S24B3V3M100B Datasheet(HTML) 7 Page - Vicor Corporation

Back Button S24B3V3M100B Datasheet HTML 3Page - Vicor Corporation S24B3V3M100B Datasheet HTML 4Page - Vicor Corporation S24B3V3M100B Datasheet HTML 5Page - Vicor Corporation S24B3V3M100B Datasheet HTML 6Page - Vicor Corporation S24B3V3M100B Datasheet HTML 7Page - Vicor Corporation S24B3V3M100B Datasheet HTML 8Page - Vicor Corporation S24B3V3M100B Datasheet HTML 9Page - Vicor Corporation S24B3V3M100B Datasheet HTML 10Page - Vicor Corporation S24B3V3M100B Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
24V Mini Family
Rev 4.9
vicorpower.com
Page 7 of 15
01/2016
800 927.9474
24V Input
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.5
87.7
%
Nominal input; full load; 25°C
Ripple and noise
200
250
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
27.1
28.1
29.1
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
4.7
5.1
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
6.25
Amps
Current limit
6.37
7.19
8.44
Amps
Output voltage 95% of nominal
Short circuit current
3
7.19
8.44
Amps
Output voltage <250mV
24VOUT, 150W (e.g. V24B24C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87.2
88.7
%
Nominal input; full load; 25°C
Ripple and noise
133
166
mV
p-p Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
31.5
32.7
33.8
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
9.6
10.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
8.9
Amps
Current limit
9.1
10.3
12.1
Amps
Output voltage 95% of nominal
Short circuit current
6.3
10.3
12.1
Amps
Output voltage <250mV
28VOUT, 250W (e.g. V24B28C250BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85.0
87.0
%
Nominal input; full load; 25°C
Ripple and noise
180
225
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
31.6
32.8
34
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
4.5
5.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
7.14
Amps
Current limit
7.29
8.22
9.66
Amps
Output voltage 95% of nominal
Short circuit current
5
8.22
9.66
Amps
Output voltage <250mV
28VOUT, 200W (e.g. V24B28C200BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85.4
87.0
%
Nominal input; full load; 25°C
Ripple and noise
260
325
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
27.5
28.5
29.5
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
5.1
6.2
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
8.33
Amps
Current limit
8.46
9.8
11.5
Amps
Output voltage 95% of nominal
Short circuit current
5.81
9.8
11.5
Amps
Output voltage <250mV
24VOUT, 200W (e.g. V24B24C200BL)


Similar Part No. - S24B3V3M100B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S24B-PADSS-1 ETC2-S24B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
S24B-PHDSS ETC2-S24B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
S24B-PHDSS-B ETC2-S24B-PHDSS-B Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
S24B-PUDSS-1 ETC2-S24B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - S24B3V3M100B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com