Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRN8040TA-560M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRN8040TA-560M
Description  Semi-shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN8040TA-560M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRN8040TA-560M Datasheet HTML 1Page - Bourns Electronic Solutions SRN8040TA-560M Datasheet HTML 2Page - Bourns Electronic Solutions SRN8040TA-560M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
USER DIRECTION OF FEED
4.0±0.1
(.157±.004)
2.0±0.1
(.079±.004)
1.75±0.1
(.069±.004)
7.5±0.1
(.295±.004)
16.0±0.3
(.630±.012)
12.0±0.1
(.472±.004)
8.4±0.1
(.331±.004)
16.4+2.0/-0
(.646+.079/-0)
2.0±0.5
(.079±.020)
80.0±2.0
(3.150±.079)
330±3.0
(12.99±.118)
DIA.
13.5±0.5
(.531±.020)
DIA.
13.5±0.5
(.531±.020)
DIA.
DIA.
1.5±0.1
(.059±.004)
0.4±0.1
(.016±.004)
8.4±0.1
(.331±.004)
4.3±0.1
(.169±.004)
2R2
2R2
2R2
2R2
SRF0504Series-LineFilter
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
SRN8040TASeries-Semi-shieldedPowerInductors
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
QTY:1000PCS.PERREEL
07/16
Soldering Profile
25
Time (Seconds)
Preheating
Soldering
Natural Cooling
217 °C
tp (245 °C, 20~40 Sec.)
200 °C
150°C
60~180
Sec.
480 Sec. Max.
60~150 Sec.
TP (260 °C, 10 Sec. Max.)


Similar Part No. - SRN8040TA-560M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN8040 BOURNS-SRN8040 Datasheet
341Kb / 2P
   Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040 Datasheet
334Kb / 2P
   Semi-shielded Power Inductors
SRN8040-100M BOURNS-SRN8040-100M Datasheet
341Kb / 2P
   Semi-shielded Power Inductors
SRN8040-100M BOURNS-SRN8040-100M Datasheet
334Kb / 2P
   Semi-shielded Power Inductors
SRN8040-101M BOURNS-SRN8040-101M Datasheet
341Kb / 2P
   Semi-shielded Power Inductors
More results

Similar Description - SRN8040TA-560M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
   Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
   Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
   Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
   Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
   Semi-shielded Power Inductors
Mar 31, 2015
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
   Semi-shielded Power Inductors
SRN3010-100M BOURNS-SRN3010-100M Datasheet
306Kb / 2P
   Semi-shielded Power Inductors
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
   Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
   Semi-shielded Power Inductors
SRN4018TA BOURNS-SRN4018TA Datasheet
823Kb / 3P
   Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
   Semi-shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com