Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN8478 Datasheet(PDF) 94 Page - Synaptics Incorporated.

Part # CN8478
Description  Multichannel Synchronous Communications Controller (MUSYCC)
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CN8478 Datasheet(HTML) 94 Page - Synaptics Incorporated.

Back Button CN8478 Datasheet HTML 90Page - Synaptics Incorporated. CN8478 Datasheet HTML 91Page - Synaptics Incorporated. CN8478 Datasheet HTML 92Page - Synaptics Incorporated. CN8478 Datasheet HTML 93Page - Synaptics Incorporated. CN8478 Datasheet HTML 94Page - Synaptics Incorporated. CN8478 Datasheet HTML 95Page - Synaptics Incorporated. CN8478 Datasheet HTML 96Page - Synaptics Incorporated. CN8478 Datasheet HTML 97Page - Synaptics Incorporated. CN8478 Datasheet HTML 98Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 221 page
background image
5.0 Memory Organization
CN8478/CN8474A/CN8472A/CN8471A
5.1 Memory Architecture
Multichannel Synchronous Communications Controller (MUSYCC™)
5-8
Conexant
100660E
Next, the host allocates the required shared memory for transmit and receive
messages. Assume, for example, the host needs 8 message descriptors for each
channel and direction, and each corresponding data buffer per message is 100h
(256) bytes in length.
Memory for Message Descriptors =
32 channels/group *
2 directions/channel *
12 bytes/message descriptor *
8 buffers/channel
= 1800h bytes/group
= 6144 bytes/group
Memory for Data Buffers =
32 channels/group *
2 directions/channel *
8 buffers/channel *
256 bytes/buffer
= 131, 072 bytes/group
= 20,000h bytes/group
Further, the host may choose to allocate all the memory contiguously, or it
may allocate the memory for message descriptors separately from data buffers. In
this case, message descriptors for 8 Channel Groups may be merged into a
contiguous block of memory [(1800h x 8 = C000h) bytes in length].


Similar Part No. - CN8478

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN803 CONSONANCE-CN803 Datasheet
144Kb / 7P
   Ultra Low Power Microprocessor Reset IC
CN803R CONSONANCE-CN803R Datasheet
144Kb / 7P
   Ultra Low Power Microprocessor Reset IC
CN803S CONSONANCE-CN803S Datasheet
144Kb / 7P
   Ultra Low Power Microprocessor Reset IC
logo
Continental Device Indi...
CN8050 CDIL-CN8050 Datasheet
233Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CN8050NPN CDIL-CN8050NPN Datasheet
233Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - CN8478

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28478-DSH-002-E MA-COM-28478-DSH-002-E_15 Datasheet
2Mb / 195P
   Multichannel Synchronous Communications Controller
28500-DSH-002-C MA-COM-28500-DSH-002-C Datasheet
1Mb / 224P
   Multichannel Synchronous Communications Controller
28500-DSH-002-C MA-COM-28500-DSH-002-C_15 Datasheet
1Mb / 224P
   Multichannel Synchronous Communications Controller
28478-DSH-002-E MA-COM-28478-DSH-002-E Datasheet
2Mb / 195P
   Multichannel Synchronous Communications
logo
Hamamatsu Corporation
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
   Multichannel detector head controller
logo
NXP Semiconductors
MC92460 NXP-MC92460 Datasheet
1,012Kb / 2P
   MULTICHANNEL HDLC CONTROLLER PERIPHERAL
logo
Hamamatsu Corporation
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
   Multichannel detector head controller
logo
InnovASIC, Inc
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
   UNIVERSAL COMMUNICATIONS CONTROLLER
logo
SMSC Corporation
IRCC SMSC-IRCC Datasheet
434Kb / 79P
   INFRARED COMMUNICATIONS CONTROLLER
IRCC2.0 SMSC-IRCC2.0 Datasheet
510Kb / 87P
   Infrared Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com