Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-563X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C-563X
Description  THREE DIGITS DISPLAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C-563X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C-563X Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C/A-563X, C/A-573X
THREE DIGITS DISPLAY
Part No.
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Common
Cathode
Common
Anode
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
C-563H-11
A-563H-11
GaP
Red
700
2.1
2.8
650
C-563E-11
A-563E-11
GaAsP/GaP Hi.effi Red
635
2.0
2.8
2000
C-563G-11
A-563G-11
GaP
Green
565
2.1
2.8
2000
C-563Y-11
A-563Y-11
GaAsP/GaP Yellow
585
2.1
2.8
1600
C-563SR-11
A-563SR-11
GaAlAs
Super Red
660
1.8
2.4
21000
D43
C-573H
A-573H
GaP
Red
700
2.1
2.8
650
C-573E
A-573E
GaAsP/GaP Hi.effi Red
635
2.0
2.8
2000
C-573G
A-573G
GaP
Green
565
2.1
2.8
2000
C-573Y
A-573Y
GaAsP/GaP Yellow
585
2.1
2.8
1600
C-573SR
A-573SR
GaAlAs
Super Red
660
1.8
2.4
21000
D44
Fig.D43
Fig.D44
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - C-563X

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
C-560-K PREMO-C-560-K Datasheet
192Kb / 1P
   Coils and Chokes for general use
C-561-K PREMO-C-561-K Datasheet
192Kb / 1P
   Coils and Chokes for general use
logo
List of Unclassifed Man...
C-561E ETC-C-561E Datasheet
66Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-561E-A PARALIGHT-C-561E-A Datasheet
210Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
C-561G ETC-C-561G Datasheet
66Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-563X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-303H ETC-A-303H Datasheet
119Kb / 1P
   THREE DIGITS DISPLAY
C-403H ETC-C-403H Datasheet
121Kb / 1P
   THREE DIGITS DISPLAY
C-513H ETC1-C-513H Datasheet
129Kb / 1P
   THREE DIGITS DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-8031AX-00 FORYARD-FYT-8031AX-00 Datasheet
467Kb / 5P
   0.80 Inch (20.32mm) digits height Three Digits Display
FYT-8032AX-00 FORYARD-FYT-8032AX-00 Datasheet
466Kb / 5P
   0.80 Inch (20.32mm) digits height Three Digits Display
FYT-3931AX-00 FORYARD-FYT-3931AX-00 Datasheet
475Kb / 5P
   0.39 Inch (10.00mm) digit height Three Digits Display
FYT-4031IX-00 FORYARD-FYT-4031IX-00 Datasheet
472Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-5231CX-00 FORYARD-FYT-5231CX-00 Datasheet
516Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5631GX-00 FORYARD-FYT-5631GX-00 Datasheet
465Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
FYT-5633AX-00 FORYARD-FYT-5633AX-00 Datasheet
468Kb / 5P
   0.56 Inch (14.20mm) digit height Three Digits Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com