Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2612BL Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2612BL
Description  400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2612BL Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2612BL Datasheet HTML 1Page - National Semiconductor (TI) LM2612BL Datasheet HTML 2Page - National Semiconductor (TI) LM2612BL Datasheet HTML 3Page - National Semiconductor (TI) LM2612BL Datasheet HTML 4Page - National Semiconductor (TI) LM2612BL Datasheet HTML 5Page - National Semiconductor (TI) LM2612BL Datasheet HTML 6Page - National Semiconductor (TI) LM2612BL Datasheet HTML 7Page - National Semiconductor (TI) LM2612BL Datasheet HTML 8Page - National Semiconductor (TI) LM2612BL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Connection Diagrams
micro SMD package
20041804
TOP VIEW
20041805
BOTTOM VIEW
Ordering Information
Order Number
Package Type
NSC Package
Marking(*)
Supplied As
10-Pin micro SMD
LM2612ABL
BLP106WB
10-bump Wafer Level Chip Scale
(micro SMD)
XYTT IS41A
250 Units, Tape and Reel
LM2612BBL
XYTT IS41B
250 Units, Tape and Reel
LM2612ABLX
XYTT IS41A
3000 Units, Tape and Reel
LM2612BBLX
XYTT IS41B
3000 Units, Tape and Reel
(*) XY - denotes the date code marking (2 digit) in production
TT - refers to die run/lot traceability for production
I - pin one indication
S - Product line designator
Note the Package Marking may change over the course of production time without notice
Order Number
Package Type
NSC Package
Marking(*)
Supplied As
10-Pin micro SMD
LM2612ATL
TLP106WA
10-bump Wafer Level Chip Scale
(micro SMD)
XYTT IS41A
250 Units, Tape and Reel
LM2612BTL
XYTT IS41B
250 Units, Tape and Reel
LM2612ATLX
XYTT IS41A
3000 Units, Tape and Reel
LM2612BTLX
XYTT IS41B
3000 Units, Tape and Reel
(*) XY - denotes the date code marking (2 digit) in production
TT - refers to die run/lot traceability for production
I - pin one indication
S - Product line designator
Note the Package Marking may change over the course of production time without notice
Pin Description
Pin Number
Pin Name
Function
A1
FB
Feedback Analog Input. Connect to the output at the output filter capacitor (Figure 1)
B1
VID1
Output Voltage Control Inputs. Set the output voltage using these digital inputs (see Table
1). The output defaults to 1.5V if these pins are unconnected.
C1
VID0
D1
SYNC/MODE
Synchronization Input. Use this digital input for frequency synchronization or modulation
control. Set:
SYNC/MODE = high for low-noise 600kHz PWM mode
SYNC/MODE = low for low-current PFM mode
SYNC/MODE = 500kHz - 1MHz external clock for synchronization to an external clock in
PWM mode. See Synchronization and Operating Modes in the Device Information section.
D2
EN
Enable Input. For shutdown, set low to SGND.(See Shutdown Mode in the Device
Information section.)
D3
PGND
Power Ground
www.national.com
2


Similar Part No. - LM2612BL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2612BBP NSC-LM2612BBP Datasheet
5Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM2612BBPX NSC-LM2612BBPX Datasheet
5Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
More results

Similar Description - LM2612BL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2612 NSC-LM2612 Datasheet
5Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com