Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2598T-ADJ Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2598T-ADJ
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2598T-ADJ Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2598T-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2598T-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2598T-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2598T-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM2598T-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM2598T-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LM2598T-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LM2598T-ADJ Datasheet HTML 14Page - National Semiconductor (TI) LM2598T-ADJ Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
LM2598 Series Buck Regulator Design Procedure (Fixed Output) (Continued)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
B. To simplify the capacitor selection procedure, refer to the
quick design component selection table shown in
Figure 2.
This table contains different input voltages, output voltages,
and load currents, and lists various inductors and output
capacitors that will provide the best design solutions.
B. From the quick design component selection table shown
in
Figure 2, locate the 5V output voltage section. In the load
current column, choose the load current line that is closest to
the current needed in your application, for this example, use
the 1A line. In the maximum input voltage column, select the
line that covers the input voltage needed in your application,
in this example, use the 15V line. Continuing on this line are
recommended inductors and capacitors that will provide the
best overall performance.
The capacitor list contains both through hole electrolytic and
surface mount tantalum capacitors from four different capaci-
tor manufacturers. It is recommended that both the manufac-
turers and the manufacturer’s series that are listed in the
table be used.
In this example aluminum electrolytic capacitors from several
different manufacturers are available with the range of ESR
numbers needed.
220 µF
25V
Panasonic HFQ Series
220 µF
25V
Nichicon PL Series
C. The capacitor voltage rating for electrolytic capacitors
should be at least 1.5 times greater than the output voltage,
and often much higher voltage ratings are needed to satisfy
the low ESR requirements for low output ripple voltage .
C. For a 5V output, a capacitor voltage rating at least 7.5V or
more is needed. But, in this example, even a low ESR,
switching grade, 220 µF 10V aluminum electrolytic capacitor
would exhibit approximately 225 m
Ω of ESR (see the curve
in
Figure 17 for the ESR vs voltage rating). This amount of
ESR would result in relatively high output ripple voltage. To
reduce the ripple to 1% of the output voltage, or less, a
capacitor with a higher voltage rating (lower ESR) should be
selected. A 16V or 25V capacitor will reduce the ripple volt-
age by approximately half.
D. For computer aided design software, see
Switchers Made
Simple(version 4.2 or later).
3. Catch Diode Selection (D1)
3. Catch Diode Selection (D1)
A. The catch diode current rating must be at least 1.3 times
greater than the maximum load current. Also, if the power
supply design must withstand a continuous output short, the
diode should have a current rating equal to the maximum
current limit of the LM2598. The most stressful condition for
this diode is an overload or shorted output condition.
A. Refer to the table shown in
Figure 11. In this example, a
3A, 20V, 1N5820 Schottky diode will provide the best perfor-
mance, and will not be overstressed even for a shorted
output.
B. The reverse voltage rating of the diode should be at least
1.25 times the maximum input voltage.
C. This diode must be fast (short reverse recovery time) and
must be located close to the LM2598 using short leads and
short printed circuit traces. Because of their fast switching
speed and low forward voltage drop, Schottky diodes provide
the best performance and efficiency, and should be the first
choice, especially in low output voltage applications.
Ultra-fast recovery, or High-Efficiency rectifiers also provide
good results. Ultra-fast recovery diodes typically have re-
verse recovery times of 50 ns or less. Rectifiers such as the
1N5400 series are much too slow and should not be used.
www.national.com
11


Similar Part No. - LM2598T-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2598T-ADJ/NOPB TI1-LM2598T-ADJ/NOPB Datasheet
2Mb / 47P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
More results

Similar Description - LM2598T-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2590HV-AQ NSC-LM2590HV-AQ Datasheet
885Kb / 22P
   SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2598 TI1-LM2598 Datasheet
2Mb / 47P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
LM2590HVSX-5.0-NOPB TI1-LM2590HVSX-5.0-NOPB Datasheet
788Kb / 22P
[Old version datasheet]   LM2590HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com