Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2574M-12 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2574M-12
Description  SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2574M-12 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2574M-12 Datasheet HTML 2Page - National Semiconductor (TI) LM2574M-12 Datasheet HTML 3Page - National Semiconductor (TI) LM2574M-12 Datasheet HTML 4Page - National Semiconductor (TI) LM2574M-12 Datasheet HTML 5Page - National Semiconductor (TI) LM2574M-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2574M-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2574M-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2574M-12 Datasheet HTML 9Page - National Semiconductor (TI) LM2574M-12 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
All Output Voltage Versions
Electrical Characteristics (Continued)
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable version, VIN = 25V for the 12V version,
and V
IN = 30V for the 15V version. ILOAD = 100 mA.
Symbol
Parameter
Conditions
LM2574-XX
Units
(Limits)
LM2574HV-XX
Typ
Limit
(Note 2)
ON /OFF CONTROL Test Circuit
Figure 2
V
IH
ON /OFF Pin Logic
V
OUT = 0V
1.4
2.2/2.4
V(Min)
V
IL
Input Level
V
OUT = Nominal Output Voltage
1.2
1.0/0.8
V(Max)
I
H
ON /OFF Pin Input
ON /OFF Pin = 5V (OFF)
12
µA
Current
30
µA(Max)
I
IL
ON /OFF Pin = 0V (ON)
0µA
10
µA(Max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: All limits guaranteed at room temperature (Standard type face) and at temperature extremes (bold type face). All room temperature limits are 100% produc-
tion tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate
Average Outgoing Quality Level.
Note 3: External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance. When the LM2574
is used as shown in the
Figure 2 test circuit, system performance will be as shown in system parameters section of Electrical Characteristics.
Note 4: Output pin sourcing current. No diode, inductor or capacitor connected to output pin.
Note 5: Feedback pin removed from output and connected to 0V.
Note 6: Feedback pin removed from output and connected to +12V for the Adjustable, 3.3V, and 5V versions, and +25V for the 12V and 15V versions, to force the
output transistor OFF.
Note 7: VIN = 40V (60V for high voltage version).
Note 8: Junction to ambient thermal resistance with approximately 1 square inch of printed circuit board copper surrounding the leads. Additional copper area will
lower thermal resistance further. See application hints in this data sheet and the thermal model in Switchers Made Simple software.
Note 9: Junction to ambient thermal resistance with approximately 4 square inches of 1 oz. (0.0014 in. thick) printed circuit board copper surrounding the leads. Ad-
ditional copper area will lower thermal resistance further. (See Note 8.)
Note 10: The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated output voltage to drop
approximately 40% from the nominal output voltage. This self protection feature lowers the average power dissipation of the IC by lowering the minimum duty cycle
from 5% down to approximately 2%.
Typical Performance Characteristics (Circuit of Figure 2)
Normalized Output Voltage
DS011394-27
Line Regulation
DS011394-28
Dropout Voltage
DS011394-29
www.national.com
6


Similar Part No. - LM2574M-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2574M-12 TI1-LM2574M-12 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574M-12 TI1-LM2574M-12 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
LM2574M-12/NOPB TI1-LM2574M-12/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574M-12/NOPB TI1-LM2574M-12/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2574M-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
LM2574 TI1-LM2574 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com