Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX4561 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX4561
Description  ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX4561 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
±15kV ESD-Protected, Low-Voltage,
SPDT/SPST, CMOS Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +4.5V to +5.5V, VIH = +2.4V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.)
(Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCH DYNAMIC CHARACTERISTICS
TA = +25
°C
90
150
Turn-On Time
tON
VNO, VNC = 3V, RL = 300
Ω,
CL = 35pF; Figure 1
TA = TMIN to TMAX
180
ns
TA = +25
°C40
80
Turn-Off Time
tOFF
VNO, VNC = 3V, RL = 300
Ω,
CL = 35pF, Figure 1
TA = TMIN to TMAX
100
ns
Break-Before-Make Delay
(MAX4561 only)
tBBM
VNO, VNC = 3V, RL =
300
Ω, CL = 35pF, Figure 2
550
ns
MAX4561
17
Charge Injection
Q
VGEN = 2V, CL = 1.0nF,
RGEN = 0; Figure 3
TA =
+25
°C
MAX4568/9
6
pC
NO or NC Off
Capacitance
COFF
VNO = VNC = GND,
f = 1MHz, Figure 4
TA = +25
°C20
pF
COM Off-Capacitance
(MAX4568/MAX4569 only)
CCOM
VCOM = GND, f = 1MHz,
Figure 4
TA = +25
°C12
pF
MAX4561
31
COM On-Capacitance
CCOM
VCOM = VNO, VNC = GND,
f = 1MHz, Figure 4
TA =
+25
°C
MAX4568/9
20
pF
Off-Isolation (Note 6)
VISO
VNO = VNC = 1VRMS,
RL = 50
Ω; CL = 5pF,
f = 1MHz; Figure 5
TA = +25
°C
-75
dB
Total Harmonic Distortion
THD
RL = 600
Ω, 5Vp-p,
f = 20Hz to 20kHz
TA = +25
°C
0.01
%
TA = +25
°C
110
mA
ESD SCR Holding Current
IH
TA = +85
°C70
POWER SUPPLY
Power-Supply Range
V+
1.8
12
V
TA = +25
°C
0.05
1
Positive Supply Current
I+
V+ = 5.5V, VIN = 0 or V+
TA = TMIN to TMAX
10
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn