Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGB10N60T Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IGB10N60T
Description  Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGB10N60T Datasheet(HTML) 5 Page - Infineon Technologies AG

  IGB10N60T_15 Datasheet HTML 1Page - Infineon Technologies AG IGB10N60T_15 Datasheet HTML 2Page - Infineon Technologies AG IGB10N60T_15 Datasheet HTML 3Page - Infineon Technologies AG IGB10N60T_15 Datasheet HTML 4Page - Infineon Technologies AG IGB10N60T_15 Datasheet HTML 5Page - Infineon Technologies AG IGB10N60T_15 Datasheet HTML 6Page - Infineon Technologies AG IGB10N60T_15 Datasheet HTML 7Page - Infineon Technologies AG IGB10N60T_15 Datasheet HTML 8Page - Infineon Technologies AG IGB10N60T_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IGB10N60T
TRENCHSTOP
™ Series
p
IFAG IPC TD VLS
5
Rev. 2.1 30.04.2015
0V
1V
2V
3V
4V
0A
5A
10A
15A
20A
25A
30A
15V
6V
8V
10V
12V
V
GE =20V
0V
1V
2V
3V
4V
5V
0A
5A
10A
15A
20A
25A
30A
15V
6V
8V
10V
12V
V
GE =20V
VCE, COLLECTOR-EMITTER VOLTAGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 5. Typical output characteristic
(Tj = 25°C)
Figure 6. Typical output characteristic
(Tj = 175°C)
0V
2V
4V
6V
8V
10V
0A
5A
10A
15A
20A
25A
25°C
T
J= 1 7 5 °C
-50°C
0°C
50°C
100°C
150°C
0,0V
0,5V
1,0V
1,5V
2,0V
2,5V
3,0V
I
C =10A
I
C =20A
I
C =5A
VGE, GATE-EMITTER VOLTAGE
TJ, JUNCTION TEMPERATURE
Figure 7. Typical transfer characteristic
(VCE=20V)
Figure 8. Typical collector-emitter
saturation voltage as a function
of junction temperature
(VGE = 15V)


Similar Part No. - IGB10N60T_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB10N60T INFINEON-IGB10N60T Datasheet
787Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 1.2 12.08.2009
More results

Similar Description - IGB10N60T_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
IGW75N60T INFINEON-IGW75N60T_14 Datasheet
546Kb / 12P
   Low Loss IGBT: IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 20.09.2013
IGW50N60T INFINEON-IGW50N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGP15N60T INFINEON-IGP15N60T_15 Datasheet
502Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.4 30.04.2015
IGB30N60T INFINEON-IGB30N60T_15 Datasheet
674Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 19.05.2015
IGB15N60T INFINEON-IGB15N60T_15 Datasheet
688Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 30.04.2015
IGP10N60T INFINEON-IGP10N60T_15 Datasheet
444Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 30.04.2015
IGW30N100T INFINEON-IGW30N100T Datasheet
802Kb / 11P
   Low Loss IGBT: IGBT in TrenchStop and Fieldstop technology
Rev 2.4 2009-12-02
IGP06N60T INFINEON-IGP06N60T_13 Datasheet
494Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.3 20.09.2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com