Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX3872 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX3872
Description  Multirate Clock and Data Recovery with Limiting Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3872 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Multirate Clock and Data Recovery
with Limiting Amplifier
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25
°C, unless otherwise noted.)
100
0.1
10k
1M
10M
JITTER TOLERANCE
(2.488Gbps, 223 - 1 PATTERN, VIN = 10mVP-P)
1
10
JITTER FREQUENCY (Hz)
100k
BELLCORE
MASK
WITH ADDITIONAL 0.15UI
DETERMINISTIC JITTER
1000
10,000
0.1
0.2
0.5
0.6
0.3
0.4
0.7
1
10
100
JITTER TOLERANCE vs. INPUT AMPLITUDE
(2.488Gbps, 223 - 1 PATTERN)
INPUT AMPLITUDE (mVP-P)
0
0.8
WITH ADDITIONAL 0.15UI
DETERMINISTIC JITTER
JITTER FREQUENCY = 1MHz
JITTER FREQUENCY = 10MHz
0.25
0.20
0.30
0.1
0.2
0.3
0.4
0.5
0.6
0.8
0.7
0.9
0
0.05
0.15
0.10
JITTER TOLERANCE
vs. INPUT DETERMINISTIC JITTER
DETERMINISTIC JITTER (UIP-P)
0
1.0
fJITTER = 1MHz
fJITTER = 10MHz
223 - 1 PATTERN
2.488Gbps
VIN = 10mVP-P
80
70
60
50
90
0
0.1
0.2
0.4
0.5
0.3
0.6
0.7
10
20
40
30
JITTER TOLERANCE
vs. THRESHOLD ADJUST
INPUT THRESHOLD (% AMPLITUDE)
VIN = 100mVP-P
2.488Gbps
223 - 1 PATTERN
INPUT DATA FILTERED BY
A 1870MHz 4TH-ORDER
BESSEL FILTER
JITTER FREQUENCY = 10MHz
1M
10M
-1.0
-2.5
-2.0
-1.5
-0.5
0
1k
10k
100k
JITTER TRANSFER
FREQUENCY (Hz)
-3.0
0.5
CFIL = 0.82
µF
PRBS = 223 - 1
2.488Gbps
BELLCORE
MASK
02
3
4
15
BIT-ERROR RATIO
vs. INPUT AMPLITUDE
INPUT VOLTAGE (mVP-P)
10-11
10-8
10-9
10-10
10-6
10-7
10-4
10-5
10-3
10-2
OC-48
PRBS = 223 - 1
140
150
145
155
160
165
170
175
180
185
190
195
200
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-50
0
-25
25
50
75
100
-40
-35
-30
-25
-20
-15
-10
-5
0
DIFFERENTIAL S11 vs. FREQUENCY
FREQUENCY (GHz)
01.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
2.0
2.3
2.2
2.1
2.4
2.5
2.6
2.7
2.8
2.9
3.0
-50
0
-25
25
50
75
100
PULLIN RANGE (RATESET = 0)
AMBIENT TEMPERATURE (
°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn