Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX3872 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX3872
Description  Multirate Clock and Data Recovery with Limiting Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3872 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Multirate Clock and Data Recovery
with Limiting Amplifier
_______________________________________________________________________________________
5
RECOVERED CLOCK AND DATA
(2.488Gbps, 223 - 1 PATTERN, VIN = 10mVP-P)
200mV/
div
100ps/div
RECOVERED CLOCK AND DATA
(2.67Gbps, 223 - 1 PATTERN, VIN = 10mVP-P)
200mV/
div
100ps/div
RECOVERED CLOCK JITTER
(2.488Gbps)
10ps/div
TOTAL WIDEBAND RMS JITTER = 1.60ps
PEAK-TO-PEAK JITTER = 12.20ps
RECOVERED CLOCK JITTER
(622.08Mbps)
10ps/div
TOTAL WIDEBAND RMS JITTER = 2.17ps
PEAK-TO-PEAK JITTER = 15.80ps
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
010
5
15202530
JITTER GENERATION
vs. POWER-SUPPLY WHITE NOISE
WHITE-NOISE AMPLITUDE (mVRMS)
OC-48
PRBS = 223 - 1
Typical Operating Characteristics
(VCC = +3.3V, TA = +25
°C, unless otherwise noted.)
SCLKO+
SDO
tCLK
tCLK-Q
Figure 3. Definition of Clock-to-Q Delay
INPUT DATA
ACQUISITION TIME
DATA
DATA
LOL OUTPUT
LOL ASSERT TIME
Figure 4. LOL Assert Time and PLL Acquisition Time
Measurement
Timing Diagrams (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn