Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1747EUP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1747EUP
Description  Triple Charge-Pump TFT LCD DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1747EUP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1747EUP Datasheet HTML 5Page - Maxim Integrated Products MAX1747EUP Datasheet HTML 6Page - Maxim Integrated Products MAX1747EUP Datasheet HTML 7Page - Maxim Integrated Products MAX1747EUP Datasheet HTML 8Page - Maxim Integrated Products MAX1747EUP Datasheet HTML 9Page - Maxim Integrated Products MAX1747EUP Datasheet HTML 10Page - Maxim Integrated Products MAX1747EUP Datasheet HTML 11Page - Maxim Integrated Products MAX1747EUP Datasheet HTML 12Page - Maxim Integrated Products MAX1747EUP Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Triple Charge-Pump TFT LCD
DC-DC Converter
______________________________________________________________________________________
11
in the Typical Operating Characteristics). The main out-
put voltage is controlled to be in regulation within 4096
clock cycles (1/fOSC). The negative and positive low-
power charge pumps are controlled to be in regulation
within 2048 clock cycles.
Power-Up Sequencing
Upon power-up or exiting shutdown, the MAX1747
starts a power-up sequence. First, the reference pow-
ers up. Then the primary charge pump powers up with
soft-start enabled. Once the main charge pump reach-
es 90% of its nominal value (VFB > 1.125V), the nega-
tive charge pump turns on. When the negative output
voltage reaches approximately 90% of its nominal value
(VFBN < 125mV), the positive charge pump starts up.
Finally, when the positive output voltage reaches 90%
of its nominal value (VFBP > 1.125V), the active-low
ready signal (RDY) goes low (see Power Ready).
Fault Detection
Once RDY is low, and if any output falls below its fault
detection threshold, RDY goes high impedance.
For the reference, the fault threshold is 1.05V. For the
main charge pump, the fault threshold is 88% of its
nominal value (VFB < 1.1V). For the negative charge
pump, the fault threshold is approximately 88% of its
nominal value (VFBN > 140mV). For the positive charge
pump, the fault threshold is 88% of its nominal value
(VFBP < 1.1V).
Once an output faults, all outputs later in the power
sequence shut down until the faulted output rises
above its power-up threshold. For example, if the nega-
tive charge-pump output voltage falls below the fault-
detection threshold, the main charge pump remains
active while the positive charge pump stops switching
and its output voltage decays, depending on output
capacitance and load. The positive charge-pump out-
put will not power up until the negative charge-pump
output voltage rises above its power-up threshold (see
Power-Up Sequencing).
Power Ready
Power ready is an open-drain output. When the power-
up sequence is properly completed, the MOSFET turns
on and pulls RDY low with a typical 125
Ω RON. If a fault
is detected, the internal open-drain MOSFET appears
as a high impedance. Connect a 100k
Ω pullup resistor
between RDY and IN for a logic level output.
Voltage Reference
The voltage at REF is nominally 1.25V. The reference
can source up to 50mA with excellent load regulation
(see Typical Operating Characteristics). Connect a
0.22µF bypass capacitor between REF and GND.
During shutdown, the reference is disabled.
Design Procedure
Efficiency Considerations
The efficiency characteristics of the MAX1747 regulat-
ed charge pumps are similar to a linear regulator. They
are dominated by quiescent current at low output cur-
rents and by the input voltage at higher output currents
(see Typical Operating Characteristics). Therefore, the
maximum efficiency may be approximated by:
Efficiency
≅ VOUT / (2 VSUPM) for the main
charge pump
Efficiency
≅ - VNEG / (VSUPN N) for the negative
low-power charge pump
OSC
SUPP
DRVP
FBP
PGND
VREF
1.25V
MAX1747
GND
C3
D1
D2
R3
R4
C4
VPOS
VPOS = [1 + (R3/R4)] VREF
VREF = 1.25V
VSUPP = 2.7V TO 13V
Figure 4. Positive Charge-Pump Block Diagram
MAX1747
IN
SHDN
GND
RFREQ
VON = VIN
CIN
RFREQ = kFREQ (VON - 0.7V)/fOSC
RFREQ IS IN k
Ω, kFREQ IS 45.5MHz/mA,
AND fOSC IS IN MHz.
OSC
Figure 5. Frequency Adjustment


Similar Part No. - MAX1747EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX174 MAXIM-MAX174 Datasheet
559Kb / 15P
   Industry Standard Complete 12-Bit A/D Converters
19-2765; Rev 2; 2/93
MAX174 MAXIM-MAX174 Datasheet
1Mb / 18P
   Industry-Standard, Complete 12-Bit ADCs
Rev 3; 8/11
MAX1740 MAXIM-MAX1740 Datasheet
327Kb / 12P
   SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
MAX17409 MAXIM-MAX17409 Datasheet
511Kb / 32P
   1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
MAX17409GTI++ MAXIM-MAX17409GTI+ Datasheet
511Kb / 32P
   1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
More results

Similar Description - MAX1747EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX8753 MAXIM-MAX8753 Datasheet
596Kb / 20P
   TFT LCD DC-DC Converter with Integrated Charge Pumps
Rev 0; 1/06
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com