Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1747 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1747
Description  Triple Charge-Pump TFT LCD DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1747 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1747 Datasheet HTML 3Page - Maxim Integrated Products MAX1747 Datasheet HTML 4Page - Maxim Integrated Products MAX1747 Datasheet HTML 5Page - Maxim Integrated Products MAX1747 Datasheet HTML 6Page - Maxim Integrated Products MAX1747 Datasheet HTML 7Page - Maxim Integrated Products MAX1747 Datasheet HTML 8Page - Maxim Integrated Products MAX1747 Datasheet HTML 9Page - Maxim Integrated Products MAX1747 Datasheet HTML 10Page - Maxim Integrated Products MAX1747 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Triple Charge-Pump TFT LCD
DC-DC Converter
_______________________________________________________________________________________
7
4
10
22
16
28
34
37
59
11
13
MAXIMUM POSITIVE CHARGE-PUMP
OUTPUT VOLTAGE vs. SUPPLY VOLTAGE
VSUPP (V)
IPOS = 1mA
IPOS = 10mA
VPOS(NOMINAL) = 32V
LOAD TRANSIENT
MAX1747 toc14
40
µs/div
200mA
100mA
0
5.05V
4.95V
5V
VIN = 3.3V, VOUT = 5.0V
ROUT = 500
Ω TO 25Ω
CINTG = 1500pF
IOUT
100mA/div
VOUT
50mV/div
RIPPLE WAVEFORM
MAX1747 toc15
400ns/div
VOUT = +5.0V,IOUT = 200mA
VNEG = -7V, INEG = 10mA
VPOS = +12V, IPOS = 5mA
VOUT
20mV/div
VNEG
10mV/div
VPOS
10mV/div
STARTUP WAVEFORM (NO LOAD)
MAX1747 toc16
1ms/div
2V
2V
0
4V
4V
0
2V
VON
2V/div
VCXP
2V/div
VOUT
2V/div
VOUT = 5V, NO LOAD
ON CONNECTED TO SHDN THROUGH
A 58k
Ω RESISTOR
STARTUP WAVEFORM (200mA LOAD)
MAX1747 toc17
1ms/div
2V
2V
0
4V
4V
0
2V
VOUT = 5V, ROUT = 25
Ω (200mA)
VON
2V/div
VCXP
2V/div
VOUT
2V/div
ON CONNECTED TO SHDN THROUGH
A 58k
Ω RESISTOR
POWER-UP SEQUENCE
MAX1747 toc18
ON CONNECTED TO SHDN THROUGH
A 58k
Ω RESISTOR
2V
0
0
5V
-10V
0
10V
2ms/div
VMAIN = 5V, VNEG = -7V, VPOS = 12V
VON
2V/div
VMAIN
5V/div
VPOS
10V/div
VNEG
10V/div
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = VSUPM = +3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1747

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX174 MAXIM-MAX174 Datasheet
559Kb / 15P
   Industry Standard Complete 12-Bit A/D Converters
19-2765; Rev 2; 2/93
MAX174 MAXIM-MAX174 Datasheet
1Mb / 18P
   Industry-Standard, Complete 12-Bit ADCs
Rev 3; 8/11
MAX1740 MAXIM-MAX1740 Datasheet
327Kb / 12P
   SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
MAX17409 MAXIM-MAX17409 Datasheet
511Kb / 32P
   1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
MAX17409GTI++ MAXIM-MAX17409GTI+ Datasheet
511Kb / 32P
   1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
More results

Similar Description - MAX1747

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX8753 MAXIM-MAX8753 Datasheet
596Kb / 20P
   TFT LCD DC-DC Converter with Integrated Charge Pumps
Rev 0; 1/06
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com