Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGU04N60T Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IGU04N60T
Description  Low Loss IGBT : IGBT in TRENCHSTOP??technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGU04N60T Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IGU04N60T_16 Datasheet HTML 4Page - Infineon Technologies AG IGU04N60T_16 Datasheet HTML 5Page - Infineon Technologies AG IGU04N60T_16 Datasheet HTML 6Page - Infineon Technologies AG IGU04N60T_16 Datasheet HTML 7Page - Infineon Technologies AG IGU04N60T_16 Datasheet HTML 8Page - Infineon Technologies AG IGU04N60T_16 Datasheet HTML 9Page - Infineon Technologies AG IGU04N60T_16 Datasheet HTML 10Page - Infineon Technologies AG IGU04N60T_16 Datasheet HTML 11Page - Infineon Technologies AG IGU04N60T_16 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IGU04N60T
TRENCHSTOP
™ Series
q
IFAG IPC TD VLS
8
Rev. 2.1 17.02.2016
0nC
5nC
10nC 15nC 20nC 25nC 30nC
0V
5V
10V
15V
480V
120V
0V
10V 20V 30V 40V 50V 60V 70V
10pF
100pF
C
rss
C
oss
C
iss
QGE, GATE CHARGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 17. Typical gate charge
(IC=4 A)
Figure 18. Typical capacitance as a function
of collector-emitter voltage
(VGE=0V, f = 1 MHz)
12V
14V
16V
18V
0A
10A
20A
30A
40A
50A
60A
10V
11V
12V
13V
14V
0µs
2µs
4µs
6µs
8µs
10µs
12µs
VGE, GATE-EMITTER VOLTAGE
VGE, GATE-EMITTER VOLTAGE
Figure 19. Typical short circuit collector current
as a function of gate-emitter voltage
(VCE  400V, Tj  150C)
Figure 20. Short circuit withstand time as a
function of gate-emitter voltage
(VCE=400V, start at Tj=25°C,
Tj,max<150°C)


Similar Part No. - IGU04N60T_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGU04N60T INFINEON-IGU04N60T Datasheet
349Kb / 12P
   IGBT in TRENCHSTOP technology
Rev. 2.0 24.02.2014
More results

Similar Description - IGU04N60T_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB50N60T INFINEON-IGB50N60T_09 Datasheet
467Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.5 04.03.2009
IGB30N60T INFINEON-IGB30N60T_09 Datasheet
465Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.3 04.03.2009
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IGW50N60T INFINEON-IGW50N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGP15N60T INFINEON-IGP15N60T_15 Datasheet
502Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.4 30.04.2015
IGB30N60T INFINEON-IGB30N60T_15 Datasheet
674Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 19.05.2015
IGB15N60T INFINEON-IGB15N60T_15 Datasheet
688Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 30.04.2015
IGP10N60T INFINEON-IGP10N60T_15 Datasheet
444Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 30.04.2015
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com