Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGW25N120H3 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IGW25N120H3
Description  IGW25N120H3
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGW25N120H3 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IGW25N120H3 Datasheet HTML 3Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 4Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 5Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 6Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 7Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 8Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 9Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 10Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
IGW25N120H3
Highspeedswitchingseriesthirdgeneration
Rev.2.1,2014-02-27
Figure 1.
Collectorcurrentasafunctionofswitching
frequency
(Tj
≤175°C,D=0.5,VCE=600V,VGE=15/0V,
rG=23
Ω)
f,SWITCHINGFREQUENCY[kHz]
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
110
TC=80°
TC=110°
TC=80°
TC=110°
Figure 2.
Forwardbiassafeoperatingarea
(D=0,TC=25°C,Tj
≤175°C;VGE=15V)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
1
10
100
1000
0.1
1
10
100
tp=1µs
10µs
50µs
100µs
200µs
500µs
DC
Figure 3.
Powerdissipationasafunctionofcase
temperature
(Tj
≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
50
100
150
200
250
300
350
Figure 4.
Collectorcurrentasafunctionofcase
temperature
(VGE
≥15V,Tj≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
10
20
30
40
50


Similar Part No. - IGW25N120H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW25N120H3 INFINEON-IGW25N120H3 Datasheet
907Kb / 16P
   High speed IGBT in Trench and Fieldstop technology
Rev. 1.1, 2011-01-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com