Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGW25N120H3 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IGW25N120H3
Description  IGW25N120H3
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGW25N120H3 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IGW25N120H3 Datasheet HTML 1Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 2Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 3Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 4Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 5Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 6Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 7Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 8Page - Infineon Technologies AG IGW25N120H3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
IGW25N120H3
Highspeedswitchingseriesthirdgeneration
Rev.2.1,2014-02-27
ElectricalCharacteristic,atTvj=25°C,unlessotherwisespecified
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
DynamicCharacteristic
Input capacitance
Cies
-
1430
-
Output capacitance
Coes
-
95
-
Reverse transfer capacitance
Cres
-
75
-
VCE=25V,VGE=0V,f=1MHz
pF
Gate charge
QG
VCC=960V,IC=25.0A,
VGE=15V
-
115.0
-
nC
Short circuit collector current
Max. 1000 short circuits
Time between short circuits:
≥ 1.0s
IC(SC)
VGE=15.0V,VCC
≤600V,
tSC
≤10µs
Tvj=175°C
-
87
-
A
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
IGBTCharacteristic,atTvj=25°C
Turn-on delay time
td(on)
-
27
-
ns
Rise time
tr
-
41
-
ns
Turn-off delay time
td(off)
-
277
-
ns
Fall time
tf
-
17
-
ns
Turn-on energy
Eon
-
1.80
-
mJ
Turn-off energy
Eoff
-
0.85
-
mJ
Total switching energy
Ets
-
2.65
-
mJ
Tvj=25°C,
VCC=600V,IC=25.0A,
VGE=0.0/15.0V,
rG=23.0
Ω,Lσ=80nH,
C
σ=67pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode (IKW25N120H3) reverse
recovery.
Turn-on energy
Eon
-
0.08
-
mJ
Turn-off energy
Eoff
-
0.27
-
mJ
Total switching energy
Ets
-
0.35
-
mJ
Tvj=25°C,
VCC=800V,IC=10.0A,
VGE=0.0/15.0V,
rG=3.0
Ω,Lσ=80nH,
C
σ=67pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode (IDH15S120) reverse
recovery.


Similar Part No. - IGW25N120H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW25N120H3 INFINEON-IGW25N120H3 Datasheet
907Kb / 16P
   High speed IGBT in Trench and Fieldstop technology
Rev. 1.1, 2011-01-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com