Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGW25N120H3 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IGW25N120H3
Description  IGW25N120H3
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGW25N120H3 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IGW25N120H3_14 Datasheet HTML 7Page - Infineon Technologies AG IGW25N120H3_14 Datasheet HTML 8Page - Infineon Technologies AG IGW25N120H3_14 Datasheet HTML 9Page - Infineon Technologies AG IGW25N120H3_14 Datasheet HTML 10Page - Infineon Technologies AG IGW25N120H3_14 Datasheet HTML 11Page - Infineon Technologies AG IGW25N120H3_14 Datasheet HTML 12Page - Infineon Technologies AG IGW25N120H3_14 Datasheet HTML 13Page - Infineon Technologies AG IGW25N120H3_14 Datasheet HTML 14Page - Infineon Technologies AG IGW25N120H3_14 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
10a
IGW25N120H3
Highspeedswitchingseriesthirdgeneration
Rev.2.1,2014-02-27
Figure 1.
Typicalswitchingenergylossesasafunction
ofcollectorcurrent
(ind.load,Tj=125°C,VCE=800V,VGE=15/0V,
rG=3Ω,DiodeIDH15S120)
IC,COLLECTORCURRENT[A]
0
5
10
15
20
25
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Eoff
Eon
Ets
Figure 2.
Typicalswitchingenergylossesasafunction
ofgateresistor
(ind.load,Tj=125°C,VCE=800V,VGE=15/0V,
IC=10A,DiodeIDH15S120)
rG,GATERESISTOR[Ω]
0
5
10
15
20
25
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Eoff
Eon
Ets
Figure 3.
Typicalswitchingenergylossesasafunction
ofjunctiontemperature
(indload,VCE=800V,VGE=15/0V,IC=10A,
rG=3Ω,DiodeIDH15S120)
Tj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
Eoff
Eon
Ets
Figure 4.
Typicalswitchingenergylossesasafunction
ofcollectoremittervoltage
(ind.load,Tj=125°C,VGE=15/0V,IC=10A,
rG=3Ω,DiodeIDH15S120)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
400
500
600
700
800
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Eoff
Eon
Ets


Similar Part No. - IGW25N120H3_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW25N120H3 INFINEON-IGW25N120H3 Datasheet
907Kb / 16P
   High speed IGBT in Trench and Fieldstop technology
Rev. 1.1, 2011-01-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com