Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50N06 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # 50N06
Description  50A mps,60 Volts N-CHANNEL MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

50N06 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  50N06 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 50N06 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 页码 -
Rev. 14-1
http:// www.perfectway.cn
50N06(F,B,H)
50A mps,60 Volts N-CHANNEL MOSFET
FEATURE
50A,60V,RDS(ON)=16mΩ@VGS=10V/25A
Low gate charge
Low Ciss
Fast switching
100% avalanche tested
Improved dv/dt capability
TO-220AB
ITO-220AB
50N06
50N06F
TO-263
TO-262
50N06B
50N06H
Absolute Maximum Ratings(TC=25℃,unless otherwise noted)
Parameter
Symbol
50N06
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
Continuous Drain Current
ID
52.4
A
Pulsed Drain Current(Note1)
IDM
210
Single Pulse Avalanche Energy (Note 2)
EAS
990
mJ
Avalanche Current(Note1)
IAR
52.4
A
Repetitive Avalanche Energy (Note1)
EAR
12
mJ
Reverse Diode dV/dt (Note 3)
dv/dt
7.0
V/ns
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
Maximum lead temperature for soldering purposes,
1/8"from case for 5 seconds
TL
260
Mounting Torque
6-32 or M3 screw
10
lbf·in
1.1
N·m
Thermal Characteristics
Parameter
Symbol
ITO-220
TO-220
TO-262
TO-263
Units
Maximum Junction-to-Case
RthJC
1.66
0.83
0.83
/W
Maximum Power Dissipation
TC=25℃
PD
75
150
150
W


Similar Part No. - 50N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
50N06 WXDH-50N06 Datasheet
808Kb / 10P
   50A 60V N-channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
330Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
50N06 VBSEMI-50N06 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
345Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 50N06

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
20N06 CHONGQING-20N06 Datasheet
193Kb / 2P
   20A mps,60 Volts N-CHANNEL MOSFET
12N60 CHONGQING-12N60 Datasheet
194Kb / 2P
   12A mps,600 Volts N-CHANNEL MOSFET
7N60 CHONGQING-7N60 Datasheet
193Kb / 2P
   7A mps,600 Volts N-CHANNEL MOSFET
8N65 CHONGQING-8N65 Datasheet
194Kb / 2P
   8A mps,650 Volts N-CHANNEL MOSFET
10N65 CHONGQING-10N65 Datasheet
193Kb / 2P
   F10A mps,650 Volts N-CHANNEL MOSFET
6N60 CHONGQING-6N60 Datasheet
193Kb / 2P
   6A mps,600 Volts N-CHANNEL MOSFET
8N60 CHONGQING-8N60 Datasheet
194Kb / 2P
   8A mps,600 Volts N-CHANNEL MOSFET
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
   7A mps,650 Volts N-CHANNEL MOSFET
2N60 CHONGQING-2N60 Datasheet
201Kb / 2P
   2A mps,600 Volts N-CHANNEL MOSFET
10N60 CHONGQING-10N60 Datasheet
192Kb / 2P
   10A mps,600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com