Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGW50N65F5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IGW50N65F5
Description  650V IGBT high speed switching series fifth generation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGW50N65F5 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IGW50N65F5 Datasheet HTML 2Page - Infineon Technologies AG IGW50N65F5 Datasheet HTML 3Page - Infineon Technologies AG IGW50N65F5 Datasheet HTML 4Page - Infineon Technologies AG IGW50N65F5 Datasheet HTML 5Page - Infineon Technologies AG IGW50N65F5 Datasheet HTML 6Page - Infineon Technologies AG IGW50N65F5 Datasheet HTML 7Page - Infineon Technologies AG IGW50N65F5 Datasheet HTML 8Page - Infineon Technologies AG IGW50N65F5 Datasheet HTML 9Page - Infineon Technologies AG IGW50N65F5 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
IGW50N65F5
Highspeedswitchingseriesfifthgeneration
Rev.2.1,2015-05-04
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
IGBTCharacteristic,atTvj=150°C
Turn-on delay time
td(on)
-
20
-
ns
Rise time
tr
-
15
-
ns
Turn-off delay time
td(off)
-
202
-
ns
Fall time
tf
-
3
-
ns
Turn-on energy
Eon
-
0.68
-
mJ
Turn-off energy
Eoff
-
0.21
-
mJ
Total switching energy
Ets
-
0.89
-
mJ
Tvj=150°C,
VCC=400V,IC=25.0A,
VGE=0.0/15.0V,
RG(on)=12.0
Ω,RG(off)=12.0Ω,
L
σ=30nH,Cσ=30pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.
Turn-on delay time
td(on)
-
18
-
ns
Rise time
tr
-
5
-
ns
Turn-off delay time
td(off)
-
245
-
ns
Fall time
tf
-
12
-
ns
Turn-on energy
Eon
-
0.18
-
mJ
Turn-off energy
Eoff
-
0.06
-
mJ
Total switching energy
Ets
-
0.24
-
mJ
Tvj=150°C,
VCC=400V,IC=6.0A,
VGE=0.0/15.0V,
RG(on)=12.0
Ω,RG(off)=12.0Ω,
L
σ=30nH,Cσ=30pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.


Similar Part No. - IGW50N65F5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW50N65F5A INFINEON-IGW50N65F5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
More results

Similar Description - IGW50N65F5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP30N65F5 INFINEON-IGP30N65F5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.2,2014-12-04
IGP30N65H5 INFINEON-IGP30N65H5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.2,2014-12-04
IGP20N65H5 INFINEON-IGP20N65H5 Datasheet
2Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2014-06-11
IGP40N65F5 INFINEON-IGP40N65F5_15 Datasheet
2Mb / 15P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-04-30
IGW50N65H5 INFINEON-IGW50N65H5_15 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-05-05
IGP20N65F5 INFINEON-IGP20N65F5 Datasheet
2Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2014-06-11
IGP40N65H5 INFINEON-IGP40N65H5_15 Datasheet
2Mb / 15P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-04-30
IGZ75N65H5 INFINEON-IGZ75N65H5 Datasheet
1Mb / 13P
   650V IGBT high speed series fifth generation
Rev.2.1,2014-10-31
IGW75N65H5 INFINEON-IGW75N65H5_15 Datasheet
1Mb / 14P
   650V IGBT high speed series fifth generation
Rev.2.1,2015-05-20
IGZ50N65H5 INFINEON-IGZ50N65H5 Datasheet
1Mb / 13P
   650V IGBT high speed series fifth generation
Rev.2.1,2014-10-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com