Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSR809P-40FTR Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SSR809P-40FTR
Description  3-Pin Microprocessor Reset Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SSR809P-40FTR Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SSR809P-40FTR Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P-40FTR Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P-40FTR Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P-40FTR Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P-40FTR Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P-40FTR Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P-40FTR Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P-40FTR Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P-40FTR Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Data
3-Pin Microprocessor Reset Circuits
Data Sheet N1589 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SSR809N
SSR809P/SSR810P
Absolute Maximum Ratings:
VCC ………..................…………………………………………………………………………….-0.3V~6.5V
RESET, R E S E T
————————
………………………...............……………………………………-0.3V ~ (VCC+0.3V)
Input Current (VCC)…………………………………………………………………..................…... 20mA
Output Current (RESET or R E S E T
————————
)………………………...............……………………………20mA
Continuous Power Dissipation (TA = +70°C) ...……………………………………………….. 320mW
Operating Junction Temperature Range ...………………………………………….… –40°C to 85°C
Junction Temperature ………………………………………………………………………………..125°C
Storage Temperature Range ……………………………………………………………..–65°C ~ 150°C
Lead Temperature (Soldering) 10 sec. ……………………………………………………………260°C
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Test Circuit


Similar Part No. - SSR809P-40FTR

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR8045-3 SSDI-SSR8045-3 Datasheet
36Kb / 2P
   80AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR8045/3 SSDI-SSR8045/3 Datasheet
36Kb / 2P
   80AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR8045CT-3 SSDI-SSR8045CT-3 Datasheet
37Kb / 2P
   80AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR8045CT/3 SSDI-SSR8045CT/3 Datasheet
37Kb / 2P
   80AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR8045CTN SSDI-SSR8045CTN Datasheet
223Kb / 2P
   80 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results

Similar Description - SSR809P-40FTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com