Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431AFTA Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # TL431AFTA
Description  Fast Turn-On Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

TL431AFTA Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  TL431AFTA Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431AFTA Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431AFTA Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431AFTA Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431AFTA Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431AFTA Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431AFTA Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431AFTA Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd TL431AFTA Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Data
Adjustable Precision Shunt Regulator
Data Sheet N1595 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SMC431
TL431
TL431A
Ordering Information:
SMC431 -XXX
SMC431- XXX
TL431A - XXX
Marking Diagram:
Absolute Maximum Ratings:
Cathode Voltage.........…………………………………………………………………………………….30V
Continuous Cathode Current………………………......................………………..…… -10mA~250mA
Reference Input Current Range…………………………………………...............………...............10mA
Operating Temperature Range ...……………..……………………………………….… –40°C to 85°C
Storage Temperature Range ……………………………………………………………..–65°C ~ 150°C
Maximum Junction Temperature …………………………………………………………………..125°C
Lead Temperature (Soldering) 10 sec. ……………………………………………………………260°C
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
PIN CONFIGURATION
SOT-23
TOP VIEW
1: VREF
2: CATHODE
3: ANODE
Part No.
Marking
SMC431FTA
AC1SG
TL431FTA
AC2SG
TL431AFTA
AC3SG
PACKING TYPE
TB: TUBE
TR: TAPING & REEL
TA: BAG
PACKAGING TYPE
F: SOT-23


Similar Part No. - TL431AFTA

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL431AF HTC-TL431AF Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
KEC(Korea Electronics)
TL431AF KEC-TL431AF Datasheet
73Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
NXP Semiconductors
TL431AFDT PHILIPS-TL431AFDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
TL431AFDT NXP-TL431AFDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
TL431AFDT.215 NXP-TL431AFDT.215 Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
More results

Similar Description - TL431AFTA

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M250 SSOUSA-M250_15 Datasheet
177Kb / 5P
   Fast turn-on (50us TYP)
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33 Datasheet
115Kb / 6P
   Fast Turn-on Asymmetric Thyristor
ACR300SG33 DYNEX-ACR300SG33_06 Datasheet
129Kb / 7P
   Fast Turn-on Asymmetric Thyristor
XT2116 DYNEX-XT2116 Datasheet
30Kb / 4P
   Fast Turn-on Asymmetric Thyristor
logo
SHIKUES Electronics
BAS70W SKTECHNOLGY-BAS70W Datasheet
1Mb / 2P
   Low Turn-on Voltage, Fast Swithing
BAS40WS SKTECHNOLGY-BAS40WS Datasheet
1Mb / 3P
   Low Turn-on Voltage, Fast Switching
logo
First Components Intern...
BAT54WS FCI-BAT54WS Datasheet
143Kb / 2P
   Low Turn-On Voltage, Fast Switching
logo
SHIKUES Electronics
BAS70WS SKTECHNOLGY-BAS70WS Datasheet
1Mb / 3P
   Low-Turn-on Volatage, Fast Swithing
BAS70 SKTECHNOLGY-BAS70 Datasheet
863Kb / 1P
   Low Turn-on Voltage, Fast Switching
BAT54T SKTECHNOLGY-BAT54T Datasheet
709Kb / 3P
   Low Turn-on voltage, Fast Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com