Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3430 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # MC3430
Description  Axis Accelerometer
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC3430 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button MC3430 Datasheet HTML 27Page - List of Unclassifed Manufacturers MC3430 Datasheet HTML 28Page - List of Unclassifed Manufacturers MC3430 Datasheet HTML 29Page - List of Unclassifed Manufacturers MC3430 Datasheet HTML 30Page - List of Unclassifed Manufacturers MC3430 Datasheet HTML 31Page - List of Unclassifed Manufacturers MC3430 Datasheet HTML 32Page - List of Unclassifed Manufacturers MC3430 Datasheet HTML 33Page - List of Unclassifed Manufacturers MC3430 Datasheet HTML 34Page - List of Unclassifed Manufacturers MC3430 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 79 page
background image
MC3430 3-Axis Accelerometer
Preliminary Datasheet
mCube Proprietary.
APS-048-0011v1.5
31 / 79
© 2014 mCube Inc. All rights reserved.
POLA[2:0]
Left
Right
Down
Up
Description/Comments
000
0
0
0
0
Unknown
001
1
0
0
0
Left/landscape
010
0
1
0
0
Right/landscape
101
0
0
1
0
Down/portrait
110
0
0
0
1
Up/portrait
Table 19. Portrait/Landscape TILT: Status Register Assignments


Similar Part No. - MC3430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC34325 ETC1-MC34325 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
MC3433 ETC2-MC3433 Datasheet
1,016Kb / 45P
   Axis Accelerometer
MC34351 ETC1-MC34351 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
MC34353 ETC1-MC34353 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
logo
Motorola, Inc
MC3437 MOTOROLA-MC3437 Datasheet
145Kb / 3P
   HEX BUS RECEIVER WITH INPUT HYSTERESIS
More results

Similar Description - MC3430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3433 ETC2-MC3433 Datasheet
1,016Kb / 45P
   Axis Accelerometer
MC3635 ETC2-MC3635 Datasheet
1Mb / 81P
   Axis Accelerometer
logo
VTI technologies
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
   3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com