Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3413 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # MC3413
Description  Axis Accelerometer
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC3413 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button MC3413 Datasheet HTML 28Page - List of Unclassifed Manufacturers MC3413 Datasheet HTML 29Page - List of Unclassifed Manufacturers MC3413 Datasheet HTML 30Page - List of Unclassifed Manufacturers MC3413 Datasheet HTML 31Page - List of Unclassifed Manufacturers MC3413 Datasheet HTML 32Page - List of Unclassifed Manufacturers MC3413 Datasheet HTML 33Page - List of Unclassifed Manufacturers MC3413 Datasheet HTML 34Page - List of Unclassifed Manufacturers MC3413 Datasheet HTML 35Page - List of Unclassifed Manufacturers MC3413 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
MC3413 3-Axis Accelerometer
Preliminary Datasheet
mCube Proprietary.
APS-048-0029v1.7
32 / 47
© 2014 mCube Inc. All rights reserved.
11.5 MODE REGISTER
The MODE register controls the active operating state of the device. This register can be
written from either operational state (STANDBY or WAKE).
Addr
Name
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
POR
Value
R/
W
0x07
MODE
Mode Register
IAH
IPP
I2C_WDT_
POS
I2C_WDT_
NEG
Resv
0
*
OPCON
[1]
OPCON
[0]
0x00
W
NOTE*: Software must always write a zero ‘0’ to Bit 2.
OPCON
[1:0]
00: STANDBY state (default)
Set Device Operational State.
WAKE or STANDBY
01: WAKE state
10: Reserved
11: Reserved
I2C_WDT_NEG
0: I2C watchdog timer for negative SCL
stalls disabled (default)
1: I2C watchdog timer for negative SCL
stalls enabled
WDT for negative SCL stalls
I2C_WDT_POS
0: I2C watchdog timer for positive SCL
stalls disabled (default)
1: I2C watchdog timer for positive SCL
stalls enabled
WDT for positive SCL stalls
IPP
0: Interrupt pin INTN is open drain (default)
and requires an external pull-up to pin
VDD/VDDIO.
Interrupt Push Pull
1: Interrupt pin INTN is push-pull. No
external pull-up resistor should be
installed.
IAH
0: Interrupt pin INTN is active low (default)
Interrupt Active High
1: Interrupt pin INTN is active high
Table 15. MODE Register Functionality


Similar Part No. - MC3413

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
logo
List of Unclassifed Man...
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
logo
NXP Semiconductors
MC3410C PHILIPS-MC3410C Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
MC3410CF PHILIPS-MC3410CF Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
MC3410F PHILIPS-MC3410F Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
More results

Similar Description - MC3413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3433 ETC2-MC3433 Datasheet
1,016Kb / 45P
   Axis Accelerometer
MC3430 ETC2-MC3430 Datasheet
1Mb / 79P
   Axis Accelerometer
MC3635 ETC2-MC3635 Datasheet
1Mb / 81P
   Axis Accelerometer
logo
VTI technologies
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
   3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com