Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3410 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # MC3410
Description  Axis Accelerometer
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC3410 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button MC3410 Datasheet HTML 60Page - List of Unclassifed Manufacturers MC3410 Datasheet HTML 61Page - List of Unclassifed Manufacturers MC3410 Datasheet HTML 62Page - List of Unclassifed Manufacturers MC3410 Datasheet HTML 63Page - List of Unclassifed Manufacturers MC3410 Datasheet HTML 64Page - List of Unclassifed Manufacturers MC3410 Datasheet HTML 65Page - List of Unclassifed Manufacturers MC3410 Datasheet HTML 66Page - List of Unclassifed Manufacturers MC3410 Datasheet HTML 67Page - List of Unclassifed Manufacturers MC3410 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
MC3410 3-Axis Accelerometer
Datasheet
mCube Proprietary.
APS-048-0010v2.2
64 / 75
© 2014 mCube Inc. All rights reserved.
11.22 RL_Z_TH: RIGHT/LEFT Z AXIS THRESHOLD REGISTER
The threshold value, RL_Z_TH[7:0] is an 8-bit signed
2’s complement number that can range
from 0.425g to 1.172g, for determination of the POLA orientation bits. The resolution is
approximately 2.9mg/bit. See also Section 9.2 Portrait/Landscape.
Addr
Name
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
POR
Value
R/
W
0x2E
RL_Z_TH
Right/Left Z Axis
Threshold
Register
Signed 2’s complement value
0x00
W
RL_Z_TH[7:0]
Description (~2.9mg/LSB)
0x80
Right/left Z axis threshold is 0.425g
0x00
Right/left Z axis threshold is 0.8g
0x7F
Right/left Z axis threshold is 1.172g
Table 37. Right/Left Z-axis Threshold Register Settings


Similar Part No. - MC3410

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
MC3410C PHILIPS-MC3410C Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
MC3410CF PHILIPS-MC3410CF Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
MC3410F PHILIPS-MC3410F Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
More results

Similar Description - MC3410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3433 ETC2-MC3433 Datasheet
1,016Kb / 45P
   Axis Accelerometer
MC3430 ETC2-MC3430 Datasheet
1Mb / 79P
   Axis Accelerometer
MC3635 ETC2-MC3635 Datasheet
1Mb / 81P
   Axis Accelerometer
logo
VTI technologies
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
   3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com