Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3256 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # MC3256
Description  Axis Accelerometer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC3256 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button MC3256 Datasheet HTML 24Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 25Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 26Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 27Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 28Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 29Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 30Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 31Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
MC3256 3-Axis Accelerometer
Preliminary Datasheet
mCube Proprietary.
APS-048-0027v1.6
28 / 46
© 2015 mCube Inc. All rights reserved.
11.2 SR: STATUS REGISTER
This register contains the flag/event bits for tap detection and sample acquisition. The TAP bits
will only transition if the corresponding enable bit has been set in register 0x09, the TAP
control register. Each read to this register will clear the latched event(s) and re-arm the flag for
the next event.
Addr
Name
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
POR
Value
R/
W
0x03
SR
Status Register
ACQ_INT
Resv
TAP_ZN
TAP_ZP
TAP_YN
TAP_YP
TAP_XN
TAP_XP
0x00
R
TAP_XP
Positive X-axis TAP detected, flag is set in polling mode or interrupt mode.
TAP_XN
Negative X-axis TAP detected, flag is set in polling mode or interrupt mode.
TAP_YP
Positive Y-axis TAP detected, flag is set in polling mode or interrupt mode.
TAP_YN
Negative Y-axis TAP detected, flag is set in polling mode or interrupt mode.
TAP_ZP
Positive Z-axis TAP detected, flag is set in polling mode or interrupt mode.
TAP_ZN
Negative Z-axis TAP detected, flag is set in polling mode or interrupt mode.
ACQ_INT
Sample has been acquired, flag bit is set in polling mode or interrupt mode. This bit cannot
be disabled and is always set be hardware when a sample is ready. The host must poll at the
sample rate or faster to see this bit transition.
Table 12. SR Status Register


Similar Part No. - MC3256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC32595 ETC2-MC32595 Datasheet
152Kb / 1P
   USB Socket
MC32597 ETC2-MC32597 Datasheet
165Kb / 1P
   USB Socket - Type B
More results

Similar Description - MC3256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3433 ETC2-MC3433 Datasheet
1,016Kb / 45P
   Axis Accelerometer
MC3430 ETC2-MC3430 Datasheet
1Mb / 79P
   Axis Accelerometer
MC3635 ETC2-MC3635 Datasheet
1Mb / 81P
   Axis Accelerometer
logo
VTI technologies
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
   3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com