Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3256 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MC3256
Description  Axis Accelerometer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC3256 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MC3256 Datasheet HTML 12Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 13Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 14Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 15Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 16Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 17Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 18Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 19Page - List of Unclassifed Manufacturers MC3256 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
MC3256 3-Axis Accelerometer
Preliminary Datasheet
mCube Proprietary.
APS-048-0027v1.6
16 / 46
© 2015 mCube Inc. All rights reserved.
4.3.3 I2C TIMING CHARACTERISTICS
Figure 8. I2C Interface Timing
Parameter
Description
Standard
Mode
Fast Mode
Units
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
kHz
tHD; STA
Hold time (repeated) START condition
4.0
-
0.6
-
μs
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
μs
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
μs
tSU;STA
Set-up time for a repeated START
condition
4.7
-
0.6
-
μs
tHD;DAT
Data hold time
5.0
-
-
-
μs
tSU;DAT
Data set-up time
250
-
100
-
ns
tSU;STO
Set-up time for STOP condition
4.0
-
0.6
-
μs
tBUF
Bus free time between a STOP and
START
4.7
-
1.3
-
μs
Table 7. I2C Timing Characteristics
NOTE: Values are based on I2C Specification requirements, not tested in production.
See also Section 10.3 I2C Message Format.


Similar Part No. - MC3256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC32595 ETC2-MC32595 Datasheet
152Kb / 1P
   USB Socket
MC32597 ETC2-MC32597 Datasheet
165Kb / 1P
   USB Socket - Type B
More results

Similar Description - MC3256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3433 ETC2-MC3433 Datasheet
1,016Kb / 45P
   Axis Accelerometer
MC3430 ETC2-MC3430 Datasheet
1Mb / 79P
   Axis Accelerometer
MC3635 ETC2-MC3635 Datasheet
1Mb / 81P
   Axis Accelerometer
logo
VTI technologies
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
   3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com