Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3253 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # MC3253
Description  Axis Accelerometer
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC3253 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button MC3253 Datasheet HTML 39Page - List of Unclassifed Manufacturers MC3253 Datasheet HTML 40Page - List of Unclassifed Manufacturers MC3253 Datasheet HTML 41Page - List of Unclassifed Manufacturers MC3253 Datasheet HTML 42Page - List of Unclassifed Manufacturers MC3253 Datasheet HTML 43Page - List of Unclassifed Manufacturers MC3253 Datasheet HTML 44Page - List of Unclassifed Manufacturers MC3253 Datasheet HTML 45Page - List of Unclassifed Manufacturers MC3253 Datasheet HTML 46Page - List of Unclassifed Manufacturers MC3253 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
MC3253 3-Axis Accelerometer
Preliminary Datasheet
mCube Proprietary.
APS-048-0026v1.2
43 / 72
© 2014 mCube Inc. All rights reserved.
11.3 OPSTAT: OPERATIONAL STATE ST ATUS REGISTER
The Operational State status register reports which operational state the device is in, either
WAKE or STANDBY as shown in Table 25. Operational State Status Register
Addr
Name
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
POR
Value
R/
W
0x04
OPSTAT
Operational State
Status Register
OTPA
0
Resv
0
0
0
OPSTAT
[1]
OPSTAT
[0]
0x03
R
OPSTAT[1:0]
Sampling State Register Status, Wait State Register Status
00: Reserved
01: Device is in WAKE state
10: Reserved
11: Device is in STANDBY state, no sampling
Resv
Reserved
OTPA
One-time Programming (OTP) activity status
0: Internal memory is idle and the device is ready for use
1: Internal memory is active and the device is not yet ready for use
Table 25. Operational State Status Register


Similar Part No. - MC3253

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC32595 ETC2-MC32595 Datasheet
152Kb / 1P
   USB Socket
MC32597 ETC2-MC32597 Datasheet
165Kb / 1P
   USB Socket - Type B
More results

Similar Description - MC3253

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3433 ETC2-MC3433 Datasheet
1,016Kb / 45P
   Axis Accelerometer
MC3430 ETC2-MC3430 Datasheet
1Mb / 79P
   Axis Accelerometer
MC3635 ETC2-MC3635 Datasheet
1Mb / 81P
   Axis Accelerometer
logo
VTI technologies
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
   3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com