Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTR-91400 Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTR-91400
Description  Optical Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTR-91400 Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTR-91400 Datasheet HTML 7Page - Lite-On Technology Corporation LTR-91400 Datasheet HTML 8Page - Lite-On Technology Corporation LTR-91400 Datasheet HTML 9Page - Lite-On Technology Corporation LTR-91400 Datasheet HTML 10Page - Lite-On Technology Corporation LTR-91400 Datasheet HTML 11Page - Lite-On Technology Corporation LTR-91400 Datasheet HTML 12Page - Lite-On Technology Corporation LTR-91400 Datasheet HTML 13Page - Lite-On Technology Corporation LTR-91400 Datasheet HTML 14Page - Lite-On Technology Corporation LTR-91400 Datasheet HTML 15Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
10/44
OPTICAL SENSOR
LTR-91400
Part No. : LTR-91400
BNS-OD-FC002/A4
AC Electrical Characteristics
All specifications are at VBus = 1.7V, Tope = 25C, unless otherwise noted.
Parameter
Symbol
Min.
Max.
Unit
SCL clock frequency
SCL
f
100
400
kHz
Bus free time between a STOP and START
condition
BUF
t
1.3
us
Hold time (repeated) START condition. After this
period, the first clock pulse is generated
S TA
HD
t
;
0.6
us
LOW period of the SCL clock
LOW
t
1.3
us
HIGH period of the SCL clock
HIGH
t
0.6
us
Set-up time for a repeated START condition
S TA
SU
t
;
0.6
us
Set-up time for STOP condition
S TO
SU
t
;
0.6
us
Rise time of both SDA and SCL signals
r
t
30
300
ns
Fall time of both SDA and SCL signals
f
t
30
300
ns
Data hold time
D AT
HD
t
;
30
s
Data setup time
D AT
SU
t
;
100
ns
Pulse width of spikes which must be suppressed by
the input filter
SP
t
0
50
ns
Definition of timing for I
2C bus


Similar Part No. - LTR-91400

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
LTR-90 AMPHENOL-LTR-90 Datasheet
92Kb / 4P
   ??5 쨘C to 140 쨘C Ultra-Cool Dry Block Calibrator
LTR-90 AMPHENOL-LTR-90 Datasheet
51Kb / 2P
   Rapid response time with no oils or fluids
More results

Similar Description - LTR-91400

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-329ALS-01 LITEON-LTR-329ALS-01 Datasheet
801Kb / 28P
   Optical Sensor
LTR-559ALS-01 LITEON-LTR-559ALS-01 Datasheet
726Kb / 41P
   Optical Sensor
LTR-706PS-01 LITEON-LTR-706PS-01 Datasheet
973Kb / 36P
   Optical Sensor
logo
Sensortechnics GmbH
LD83O6S-A SENSORTECHNICS-LD83O6S-A Datasheet
1Mb / 4P
   Optical Sensor
logo
Lite-On Technology Corp...
LTR-556ALS-01 LITEON-LTR-556ALS-01 Datasheet
724Kb / 40P
   Optical Sensor
LTR-579ALS-01 LITEON-LTR-579ALS-01 Datasheet
932Kb / 44P
   Optical Sensor
LTR-553ALS-01 LITEON-LTR-553ALS-01 Datasheet
727Kb / 41P
   Optical Sensor
LTR-578ALS-01 LITEON-LTR-578ALS-01 Datasheet
1Mb / 42P
   Optical Sensor
LTR-303ALS-01 LITEON-LTR-303ALS-01 Datasheet
874Kb / 32P
   Optical Sensor
LTR-390UV-01 LITEON-LTR-390UV-01 Datasheet
1Mb / 34P
   Optical Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com