Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTR-578ALS-01 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTR-578ALS-01
Description  Optical Sensor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTR-578ALS-01 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTR-578ALS-01 Datasheet HTML 3Page - Lite-On Technology Corporation LTR-578ALS-01 Datasheet HTML 4Page - Lite-On Technology Corporation LTR-578ALS-01 Datasheet HTML 5Page - Lite-On Technology Corporation LTR-578ALS-01 Datasheet HTML 6Page - Lite-On Technology Corporation LTR-578ALS-01 Datasheet HTML 7Page - Lite-On Technology Corporation LTR-578ALS-01 Datasheet HTML 8Page - Lite-On Technology Corporation LTR-578ALS-01 Datasheet HTML 9Page - Lite-On Technology Corporation LTR-578ALS-01 Datasheet HTML 10Page - Lite-On Technology Corporation LTR-578ALS-01 Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
6/41
Part No. : LTR-578ALS-01
BNS-OD-FC002/A4
Optical Sensor
LTR-578ALS-01
Wakeup Time from Standby
5
10
ms
From Standby to Active mode
where measurement can start
Characteristics Ambient Light
Parameter
Min.
Typ.
Max.
Unit
Condition
ALS Resolution
16
20
Bit
Programmable for 16, 17, 18,
19, 20 Bit
ALS Lux accuracy
-10
+10
%
Dark Level Count
0
5
Count
0 Lux, 18-bit resolution
Min. Integration time
50
400
ms
With 50/60Hz Rejection
50/60 Hz flicker noise error
-5
+5
%
Characteristics Proximity Sensor
Parameter
Min.
Typ.
Max.
Unit
Condition
PS Resolution
8
11
Bit
Sensitivity Range
940
nm
Detection Distance
10
cm
No window, 32 pulses, 60kHz,
100mA, 18% Gray Card
LED Pulse Current
2.5
125
mA
Configurable for
2.5,5,10,25,50,75,100 & 125mA
LED Pulse Frequency
60
100
kHz
LED Duty Cycle
50
%
Number of LED Pulses
1
64
Pulses
Ambient Light Suppression
100
klux
Direct sunlight


Similar Part No. - LTR-578ALS-01

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-579ALS-01 LITEON-LTR-579ALS-01 Datasheet
932Kb / 44P
   Optical Sensor
More results

Similar Description - LTR-578ALS-01

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-329ALS-01 LITEON-LTR-329ALS-01 Datasheet
801Kb / 28P
   Optical Sensor
LTR-559ALS-01 LITEON-LTR-559ALS-01 Datasheet
726Kb / 41P
   Optical Sensor
LTR-706PS-01 LITEON-LTR-706PS-01 Datasheet
973Kb / 36P
   Optical Sensor
logo
Sensortechnics GmbH
LD83O6S-A SENSORTECHNICS-LD83O6S-A Datasheet
1Mb / 4P
   Optical Sensor
logo
Lite-On Technology Corp...
LTR-556ALS-01 LITEON-LTR-556ALS-01 Datasheet
724Kb / 40P
   Optical Sensor
LTR-579ALS-01 LITEON-LTR-579ALS-01 Datasheet
932Kb / 44P
   Optical Sensor
LTR-553ALS-01 LITEON-LTR-553ALS-01 Datasheet
727Kb / 41P
   Optical Sensor
LTR-91400 LITEON-LTR-91400 Datasheet
1Mb / 45P
   Optical Sensor
LTR-303ALS-01 LITEON-LTR-303ALS-01 Datasheet
874Kb / 32P
   Optical Sensor
LTR-390UV-01 LITEON-LTR-390UV-01 Datasheet
1Mb / 34P
   Optical Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com