Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTR-556ALS-01 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTR-556ALS-01
Description  Optical Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTR-556ALS-01 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTR-556ALS-01 Datasheet HTML 3Page - Lite-On Technology Corporation LTR-556ALS-01 Datasheet HTML 4Page - Lite-On Technology Corporation LTR-556ALS-01 Datasheet HTML 5Page - Lite-On Technology Corporation LTR-556ALS-01 Datasheet HTML 6Page - Lite-On Technology Corporation LTR-556ALS-01 Datasheet HTML 7Page - Lite-On Technology Corporation LTR-556ALS-01 Datasheet HTML 8Page - Lite-On Technology Corporation LTR-556ALS-01 Datasheet HTML 9Page - Lite-On Technology Corporation LTR-556ALS-01 Datasheet HTML 10Page - Lite-On Technology Corporation LTR-556ALS-01 Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
6/39
Part No. : LTR-556ALS-01
BNS-OD-FC002/A4
Optical Sensor
LTR-556ALS-01
8. Ratings and Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
3.8
V
Digital Voltage Range
SCL, SDA, INT
-0.5 to 3.8
V
Digital Output Current
SCL, SDA, INT
-1 to 20
mA
Storage Temperature
Tstg
-40 to 100
C
Note: Exceeding these ratings could cause damage to the sensor. All voltages are with respect to ground. Currents are
positive into, negative out of the specified terminal.
Recommended Operating Conditions
Description
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
2.4
3.6
V
LED Supply Voltage
VLED
2.5
4.35
V
Interface Bus Power Supply Voltage
VIO
1.7
3.6
V
Operating Temperature
Tope
-30
70
C
Electrical & Optical Specifications
All specifications are at VDD = 3.0V, Tope = 25C, unless otherwise noted.
Parameter
Min.
Typ.
Max.
Unit
Condition
Active Supply Current
250
uA
Active Mode,
Tope = 25C
Standby Current
5
uA
Standby / Sleep Mode
Initial Startup Time
60
100
1000
ms
(Note 1)
Wakeup Time from Standby
10
ms
(Note 1)


Similar Part No. - LTR-556ALS-01

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-553ALS-01 LITEON-LTR-553ALS-01 Datasheet
727Kb / 41P
   Optical Sensor
LTR-5576D LITEON-LTR-5576D Datasheet
154Kb / 4P
   WIDE RANGE OF COLLECTOR CURRENT
LTR-559ALS-01 LITEON-LTR-559ALS-01 Datasheet
726Kb / 41P
   Optical Sensor
More results

Similar Description - LTR-556ALS-01

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-329ALS-01 LITEON-LTR-329ALS-01 Datasheet
801Kb / 28P
   Optical Sensor
LTR-559ALS-01 LITEON-LTR-559ALS-01 Datasheet
726Kb / 41P
   Optical Sensor
LTR-706PS-01 LITEON-LTR-706PS-01 Datasheet
973Kb / 36P
   Optical Sensor
logo
Sensortechnics GmbH
LD83O6S-A SENSORTECHNICS-LD83O6S-A Datasheet
1Mb / 4P
   Optical Sensor
logo
Lite-On Technology Corp...
LTR-579ALS-01 LITEON-LTR-579ALS-01 Datasheet
932Kb / 44P
   Optical Sensor
LTR-553ALS-01 LITEON-LTR-553ALS-01 Datasheet
727Kb / 41P
   Optical Sensor
LTR-578ALS-01 LITEON-LTR-578ALS-01 Datasheet
1Mb / 42P
   Optical Sensor
LTR-91400 LITEON-LTR-91400 Datasheet
1Mb / 45P
   Optical Sensor
LTR-303ALS-01 LITEON-LTR-303ALS-01 Datasheet
874Kb / 32P
   Optical Sensor
LTR-390UV-01 LITEON-LTR-390UV-01 Datasheet
1Mb / 34P
   Optical Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com