Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24B15E150BF2 Datasheet(PDF) 11 Page - Vicor Corporation

Part # S24B15E150BF2
Description  DC-DC Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

S24B15E150BF2 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button S24B15E150BF2 Datasheet HTML 7Page - Vicor Corporation S24B15E150BF2 Datasheet HTML 8Page - Vicor Corporation S24B15E150BF2 Datasheet HTML 9Page - Vicor Corporation S24B15E150BF2 Datasheet HTML 10Page - Vicor Corporation S24B15E150BF2 Datasheet HTML 11Page - Vicor Corporation S24B15E150BF2 Datasheet HTML 12Page - Vicor Corporation S24B15E150BF2 Datasheet HTML 13Page - Vicor Corporation S24B15E150BF2 Datasheet HTML 14Page - Vicor Corporation S24B15E150BF2 Datasheet HTML 15Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
24V Mini Family
Rev 4.9
vicorpower.com
Page 11 of 15
01/2016
800 927.9474
24V Input
Disable
Disable = PC <2.3V
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Figure 2 — Module enable/disable
+OUT
+S
SC
–S
– OUT
+IN
PC
PR
–IN
Input Undervoltage
2-20 ms typ.
f (VIN)
Auto
Restart
5.7 Vdc
(0-3 mA)
50
SW2
SW3
1.23
Vdc
6 K
1 K
SW1
SW1, 2, & 3
shown in
"Fault" position
Input Overvoltage (See Note 1)
Overtemperature
Module Faults
1 Not applicable for 300 Vdc input family
1 M
Figure 3 — PC/SC module alarm logic
Figure 4 — LED on-state indicator
4k
"Module
Enabled"
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
2–20 ms typ.
Fault
SC
PC
1.23 V
5.7 V
40 s typ.
Figure 5 — PC/SC module alarm timing
Optocoupler
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
4 k
Alarm
1.00V
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Figure 6 — Isolated on-state indicator
Figure 7 — Secondary side on-state indicator
Module Enable/Disable
The module may be disabled by pulling PC to 0V (2.3V max)
with respect to the –Input. This may be done with an open
collector transistor, relay, or optocoupler. Converters may be
disabled with a single transistor or relay either directly or via
“OR’ing” diodes for 2 or more converters. See Figure 2.
Primary Auxiliary Supply
During normal operation only, the PC Pin can source 5.7V @
1.5mA. In the example shown in Figure 4, PC powers a module
enabled LED.
Module Alarm
The module contains “watchdog” circuitry which monitors input
voltage, operating temperature and internal operating parame-
ters. In the event that any of these parameters are
outside of their allowable operating range, the module will shut
down and PC will go low. PC will periodically go high and the
module will check to see if the fault (as an example,
Input Undervoltage) has cleared. If the fault has not been
cleared, PC will go low again and the cycle will restart. The SC
pin will go low in the event of a fault and return to its normal
state after the fault has been cleared. See Figures 3 and 5.
Primary Control - PC PIN


Similar Part No. - S24B15E150BF2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S24B-PADSS-1 ETC2-S24B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
S24B-PHDSS ETC2-S24B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
S24B-PHDSS-B ETC2-S24B-PHDSS-B Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
S24B-PUDSS-1 ETC2-S24B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - S24B15E150BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com