Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6203E37AFR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6203E37AFR
Description  POSITIVE VOLTAGE REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6203E37AFR Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6203E37AFR Datasheet HTML 5Page - Torex Semiconductor XC6203E37AFR Datasheet HTML 6Page - Torex Semiconductor XC6203E37AFR Datasheet HTML 7Page - Torex Semiconductor XC6203E37AFR Datasheet HTML 8Page - Torex Semiconductor XC6203E37AFR Datasheet HTML 9Page - Torex Semiconductor XC6203E37AFR Datasheet HTML 10Page - Torex Semiconductor XC6203E37AFR Datasheet HTML 11Page - Torex Semiconductor XC6203E37AFR Datasheet HTML 12Page - Torex Semiconductor XC6203E37AFR Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
XC6203
Series
247
3
CIN
VIN
VSS
VOUT
RL
CL
VIN
(Tantalum)
1
µF
1
µF
(Tantalum)
XC6203X502
VOUT(T)=5.0V (Note 1)
Ta=25
°C
IOUTmax
ΔVOUT
Vdif1
Vdif2
ISS
ΔVOUT
ΔVIN・ΔVOUT
VIN
ΔVOUT
ΔTopr・VOUT
Ilim
VIN=6.0V
IOUT=40mA
VIN=6.0V
VOUT
≥VOUT(E)×0.96
VIN=6.0V
1mA
≤IOUT≤200mA
IOUT=100mA
IOUT=200mA
IOUT=40mA
6.0V
≤VIN≤8.0V
VIN=6.0V
IOUT=40mA
-40
°C≤Topr≤85°C
VIN=6.0V
VOUT=0V
4.900
400
5.000
40
100
200
10.0
0.2
±100
60
5.100
100
180
320
20.0
0.3
8
V
mA
mV
mV
µA
%/V
V
ppm
/
°C
mA
MIN
TYP
MAX
PARAMETER
SYMBOL
CONDITIONS
UNITS
Maximum Output Current
Load Regulation
Dropout Voltage (Note3)
Input Voltage
Output Voltage
Temperature Characteristics
Output Voltage
VOUT(E)(Note2)
Supply Current
Line Regulation
Short Circuit Current
(XC6203P Series Only)
Note : 1. VOUT(T) = Specified Output Voltage.
2. VOUT(E) = Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
3. Vdif = VIN1 - VOUT1
4. VOUT1 = A voltage equal to 98% of the output voltage when "VOUT(T)+1.0V" is input.e
5. VIN1 = The input voltage when VOUT1 is output following a gradual decrease in the input voltage.
■Typical Application Circuit
03S_03XC6203 02.9.12 2:54 PM ページ 247


Similar Part No. - XC6203E37AFR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203E18AFB TOREX-XC6203E18AFB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFH TOREX-XC6203E18AFH Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFL TOREX-XC6203E18AFL Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFR TOREX-XC6203E18AFR Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18ALB TOREX-XC6203E18ALB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
More results

Similar Description - XC6203E37AFR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com