Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4350CGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4350CGN
Description  Hot Swappable Load Share Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350CGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4350CGN Datasheet HTML 7Page - Linear Technology LTC4350CGN Datasheet HTML 8Page - Linear Technology LTC4350CGN Datasheet HTML 9Page - Linear Technology LTC4350CGN Datasheet HTML 10Page - Linear Technology LTC4350CGN Datasheet HTML 11Page - Linear Technology LTC4350CGN Datasheet HTML 12Page - Linear Technology LTC4350CGN Datasheet HTML 13Page - Linear Technology LTC4350CGN Datasheet HTML 14Page - Linear Technology LTC4350CGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC4350
4350fa
When the power supply is disconnected, the UV pin will
drop below 1.220V if the supply is loaded. The LTC4350
then discharges the gate of the power FET isolating the
load from the power supply.
DESIGN EXAMPLE
Load Share Components
This section demonstrates the calculations involved in
selecting the component values. The design example in
Figure 5 is a 5V output. This design can be extended to
each of the parallel sections.
The first step is to determine the final output voltage and
the amount of adjustment on the output voltage. The
power supply voltage before the load sharing needs to be
lower than the final output voltage. If the load is expecting
to see a 5V output, then all of the shared power supplies
need to be trimmed to 4.90V or lower. This allows 2%
variation in component and reference tolerances so that
the output always starts below 5V.
Now that the output voltage is preset below the desired
output, the LTC4350 will be responsible for increasing the
output utilizing the SENSE+ input to the power supply. If
a SENSE+ line is not available, then the feedback divider at
the module’s error amplifier can be used. The next step is
to determine the maximum positive adjustment needed for
each power supply. This adjustment includes any I • R drops
across sense resistors, power FETs, wiring and connec-
tors in the supply path between the power supply and the
load. For example, if the maximum current is 10A and the
parasitic resistance between the power supply and load is
0.01Ω, then the positive adjustment range for I • R drops
is 0.1V. Since the starting voltage is 4.9V ±0.1V, then the
lowest starting voltage can be 4.8V. This voltage is 0.2V
below the target. The total adjustment range that the
LTC4350 will need for this example is 0.1V + 0.2V = 0.3V.
Note that the lowest starting voltage should not be lower
than 300mV below the target voltage.
The I • R drops should be designed to be low to eliminate
the need for additional bulk capacitance at the load. In
most cases the bulk capacitance exists at the power
supply output before the I • R drops. If a 0.002Ω sense
resistor is used and the FET resistance is below 0.003Ω,
then a total 0.005Ω series resistance is acceptable for
loads to 20A. Obviously, the FB pin compensates for the
DC output impedance, but the AC output impedance is the
I • R drops plus the ESR of the capacitors.
APPLICATIO S I FOR ATIO
4
3
2
1
RGAIN
86.6k
RSET
100Ω
GAIN
RSET
IOUT
R+
R
FB
TIMER
CT
0.1µF
STATUS
STATUS
4350 F05
SB
COMP1
VCC
GATE
GND
COMP2
LTC4350
UV
OV
CP1
1000pF
CP2
1µF
RP1
150Ω
43.2k
274k
12.1k
121k
CG
0.1µF
0.1µF
OUT+
SENSE+
4.9V NOMINAL, 5.3V MAXIMUM
RG
100Ω
RSENSE
0.002Ω
37.4k
5V
BUS
12.1k
ROUT
30Ω
51Ω
4 × SUD50N03-07
(0.007Ω EACH)
SHARE
BUS
CUV
0.1µF
Figure 5. 5V Load Share (20A per Module)


Similar Part No. - LTC4350CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4350CGN LINER-LTC4350CGN Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
LTC4350CGNPBF LINER-LTC4350CGNPBF Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
LTC4350CGNTRPBF LINER-LTC4350CGNTRPBF Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
More results

Similar Description - LTC4350CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4350 LINER-LTC4350_15 Datasheet
245Kb / 18P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_1 Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
logo
Texas Instruments
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
logo
STMicroelectronics
L6615 STMICROELECTRONICS-L6615 Datasheet
392Kb / 20P
   HIGH/LOW SIDE LOAD SHARE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com