Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2595T-12 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2595T-12
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2595T-12 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2595T-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2595T-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2595T-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2595T-12 Datasheet HTML 9Page - National Semiconductor (TI) LM2595T-12 Datasheet HTML 10Page - National Semiconductor (TI) LM2595T-12 Datasheet HTML 11Page - National Semiconductor (TI) LM2595T-12 Datasheet HTML 12Page - National Semiconductor (TI) LM2595T-12 Datasheet HTML 13Page - National Semiconductor (TI) LM2595T-12 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LM2595 Series Buck Regulator Design Procedure (Fixed Output) (Continued)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
3. Catch Diode Selection (D1)
A. The catch diode current rating must be at least 1.3 times
greater than the maximum load current. Also, if the power
supply design must withstand a continuous output short, the
diode should have a current rating equal to the maximum
current limit of the LM2595. The most stressful condition for
this diode is an overload or shorted output condition.
B. The reverse voltage rating of the diode should be at least
1.25 times the maximum input voltage.
C. This diode must be fast (short reverse recovery time) and
must be located close to the LM2595 using short leads and
short printed circuit traces. Because of their fast switching
speed and low forward voltage drop, Schottky diodes provide
the best performance and efficiency, and should be the first
choice, especially in low output voltage applications.
Ultra-fast recovery, or High-Efficiency rectifiers also provide
good results. Ultra-fast recovery diodes typically have re-
verse recovery times of 50 ns or less. Rectifiers such as the
1N5400 series are much too slow and should not be used.
3. Catch Diode Selection (D1)
A. Refer to the table shown in
Figure 11 In this example, a
3A, 20V, 1N5820 Schottky diode will provide the best perfor-
mance, and will not be overstressed even for a shorted out-
put.
4. Input Capacitor (C
IN)
A low ESR aluminum or tantalum bypass capacitor is needed
between the input pin and ground pin to prevent large volt-
age transients from appearing at the input. This capacitor
should be located close to the IC using short leads. In addi-
tion, the RMS current rating of the input capacitor should be
selected to be at least 12 the DC load current. The capacitor
manufacturers data sheet must be checked to assure that
this current rating is not exceeded. The curve shown in
Fig-
ure 13 shows typical RMS current ratings for several different
aluminum electrolytic capacitor values.
For an aluminum electrolytic, the capacitor voltage rating
should be approximately 1.5 times the maximum input volt-
age. Caution must be exercised if solid tantalum capacitors
are used (see Application Information on input capacitor).
The tantalum capacitor voltage rating should be 2 times the
maximum input voltage and it is recommended that they be
surge current tested by the manufacturer.
Use caution when using ceramic capacitors for input bypass-
ing, because it may cause severe ringing at the V
IN pin.
For additional information, see section on input capaci-
tors in Application Information section.
4. Input Capacitor (C
IN)
The important parameters for the Input capacitor are the in-
put voltage rating and the RMS current rating. With a nominal
input voltage of 12V, an aluminum electrolytic capacitor with
a voltage rating greater than 18V (1.5 x V
IN) would be
needed. The next higher capacitor voltage rating is 25V.
The RMS current rating requirement for the input capacitor in
a buck regulator is approximately 12 the DC load current. In
this example, with a 1A load, a capacitor with a RMS current
rating of at least 500 mA is needed. The curves shown in
Fig-
ure 13 can be used to select an appropriate input capacitor.
From the curves, locate the 25V line and note which capaci-
tor values have RMS current ratings greater than 500 mA. Ei-
ther a 180 µF or 220 µF, 25V capacitor could be used.
For a through hole design, a 220 µF/25V electrolytic capaci-
tor (Panasonic HFQ series or Nichicon PL series or equiva-
lent) would be adequate. other types or other manufacturers
capacitors can be used provided the RMS ripple current rat-
ings are adequate.
For surface mount designs, solid tantalum capacitors can be
used, but caution must be exercised with regard to the ca-
pacitor surge current rating (see Application Information on
input capacitors in this data sheet). The TPS series available
from AVX, and the 593D series from Sprague are both surge
current tested.
www.national.com
10


Similar Part No. - LM2595T-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2595T-12 TI1-LM2595T-12 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2595T-12 UMW-LM2595T-12 Datasheet
986Kb / 11P
   2A 150KHZ DC switching voltagestabilizing circuit
logo
Texas Instruments
LM2595T-12/NOPB TI1-LM2595T-12/NOPB Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595T-12/NOPB TI1-LM2595T-12/NOPB Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
More results

Similar Description - LM2595T-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com