Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV35060MP Datasheet(PDF) 6 Page - Cree, Inc

Part # CGHV35060MP
Description  60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV35060MP Datasheet(HTML) 6 Page - Cree, Inc

  CGHV35060MP_16 Datasheet HTML 1Page - Cree, Inc CGHV35060MP_16 Datasheet HTML 2Page - Cree, Inc CGHV35060MP_16 Datasheet HTML 3Page - Cree, Inc CGHV35060MP_16 Datasheet HTML 4Page - Cree, Inc CGHV35060MP_16 Datasheet HTML 5Page - Cree, Inc CGHV35060MP_16 Datasheet HTML 6Page - Cree, Inc CGHV35060MP_16 Datasheet HTML 7Page - Cree, Inc CGHV35060MP_16 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
CGHV35060MP Rev 1.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2014 - 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Part Number System
Parameter
Value
Units
Upper Frequency1
3.5
GHz
Power Output
60
W
Package
MP
-
Table 1.
Note1: Alpha characters used in frequency code
indicate a value greater than 9.9 GHz. See Table
2 for value.
Character Code
Code Value
A
0
B
1
C
2
D
3
E
4
F
5
G
6
H
7
J
8
K
9
Examples:
1A = 10.0 GHz
2H = 27.0 GHz
Table 2.
Plastic Overmold
Power Output (W)
Upper Frequency (GHz)
Cree GaN High Voltage
CGHV35060MP


Similar Part No. - CGHV35060MP_16

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV35060MP CREE-CGHV35060MP Datasheet
573Kb / 6P
   60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
logo
WOLFSPEED, INC.
CGHV35060MP WOLFSPEED-CGHV35060MP Datasheet
2Mb / 11P
   60 W, 2700-3800 MHz, 50 V GaN HEMT for S-Band Radar and LTE Base Stations
Rev. 2.4, 2022-12-2
More results

Similar Description - CGHV35060MP_16

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV35060MP CREE-CGHV35060MP Datasheet
573Kb / 6P
   60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
logo
WOLFSPEED, INC.
CGHV35060MP WOLFSPEED-CGHV35060MP Datasheet
2Mb / 11P
   60 W, 2700-3800 MHz, 50 V GaN HEMT for S-Band Radar and LTE Base Stations
Rev. 2.4, 2022-12-2
CGHV35150 WOLFSPEED-CGHV35150 Datasheet
1Mb / 10P
   150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev.1.4, 2022-12-2
logo
Cree, Inc
CGHV35150 CREE-CGHV35150 Datasheet
853Kb / 10P
   150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
CGHV27060MP CREE-CGHV27060MP Datasheet
1Mb / 8P
   60 W, DC - 2700 MHz, 50 V, GaN HEMT for LTE and Pulse Radar Applications
CGHV27200 CREE-CGHV27200 Datasheet
696Kb / 11P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200_15 Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
CGHV37400F CREE-CGHV37400F Datasheet
815Kb / 11P
   400 W, 3500 - 3700 MHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
CGHV27100 CREE-CGHV27100 Datasheet
1Mb / 11P
   100 W, 2500-2700 MHz, 50 V, GaN HEMT for LTE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com