Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4898MM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4898MM
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4898MM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4898MM Datasheet HTML 6Page - National Semiconductor (TI) LM4898MM Datasheet HTML 7Page - National Semiconductor (TI) LM4898MM Datasheet HTML 8Page - National Semiconductor (TI) LM4898MM Datasheet HTML 9Page - National Semiconductor (TI) LM4898MM Datasheet HTML 10Page - National Semiconductor (TI) LM4898MM Datasheet HTML 11Page - National Semiconductor (TI) LM4898MM Datasheet HTML 12Page - National Semiconductor (TI) LM4898MM Datasheet HTML 13Page - National Semiconductor (TI) LM4898MM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical Performance Characteristics
Non-LD Specific Characteristics (Continued)
Supply Current vs Shutdown Voltage
Shutdown Low
Supply Current vs Shutdown Voltage
Shutdown High
200737E0
200737E1
Clipping (Dropout) Voltage vs
Supply Voltage
Open Loop Frequency Response
200737E2
200737E3
Power Derating Curve
Noise Floor
200737E4
200737E6
www.national.com
10


Similar Part No. - LM4898MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4898MM/NOPB TI1-LM4898MM/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898MMBD TI1-LM4898MMBD Datasheet
1Mb / 23P
[Old version datasheet]   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results

Similar Description - LM4898MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
[Old version datasheet]   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4923 TI1-LM4923_14 Datasheet
947Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4899 NSC-LM4899 Datasheet
593Kb / 16P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4895 NSC-LM4895 Datasheet
682Kb / 15P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com