Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AQY210 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part No. AQY210
Description  GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQY210 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AQY210 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQY210 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQY210 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AQY21rS
46
4. Turn off time vs. ambient temperature char-
acteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
5. LED operate current vs. ambient tempera-
ture characteristics
Sample: All types; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
6. LED turn off current vs. ambient temperature
characteristics
Sample: All types; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
0.1
0.2
0.3
0.4
–40
0
–20
20
40
60
8085
0.5
AQY214S,AQY210S
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
80 85
Ambient temperature,
°C
7. LED dropout voltage vs. ambient tempera-
ture characteristics
Sample: All types; LED current: 5 to 50 mA
8. Voltage vs. current characteristics of output
at MOS portion
Measured portion: between terminals 3 and 4;
Ambient temperature: 25
°C 77°F
9. Off state leakage current
Measured portion: between terminals 3 and 4;
Ambient temperature: 25
°C 77°F
0
–20
–40
20
40
60
8085
1.5
1.4
1.3
1.2
1.1
1.0
0
50mA
30mA
20mA
10mA
5mA
Ambient temperature,
°C
5
3
–5
–3
–1
–100
–60
–20
100
60
20
40
80
–40
–80
–2
–4
24
AQY210S
AQY214S
1
Voltage, V
0
60
100
10
–3
10
–6
10
–9
10
–12
20
40
80
AQY214S
Load voltage, V
10. LED forward current vs. turn on time char-
acteristics
Measured portion: between terminals 3 and 4;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
11. LED forward current vs. turn off time char-
acteristics
Measured portion: between terminals 3 and 4;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
12. Applied voltage vs. output capacitance
characteristics
Measured portion: between terminals 3 and 4;
Frequency: 1 MHz; Ambient temperature: 25
°C 77°F
0
0.2
0.4
0.6
0.8
1.0
10
020
30
40
50
60
AQY214S,AQY210S
1.2
LED forward current, mA
0
0.02
0.04
0.08
0.06
10
020
30
40
0.10
50
0.12
60
AQY214S
AQY210S
LED forward current, mA
0
50
100
10
20
30
40
50
150
200
0
AQY214S,AQY210S
Applied voltage, V
5/7/2001
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn